Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6411 Datasheet(PDF) 55 Page - STMicroelectronics

Part # VV6411
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6411 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button VV6411 Datasheet HTML 51Page - STMicroelectronics VV6411 Datasheet HTML 52Page - STMicroelectronics VV6411 Datasheet HTML 53Page - STMicroelectronics VV6411 Datasheet HTML 54Page - STMicroelectronics VV6411 Datasheet HTML 55Page - STMicroelectronics VV6411 Datasheet HTML 56Page - STMicroelectronics VV6411 Datasheet HTML 57Page - STMicroelectronics VV6411 Datasheet HTML 58Page - STMicroelectronics VV6411 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 63 page
background image
Version 3.4
55/63
STV0680B+ VV6410/6411/6500
VV6500 pinout information and package dimensions
Digital video interface
D[4]
D[3]
D[2]
D[1]
D[0]
36
35
34
33
32
ODT
Tri-stateable 5-wire output data bus.
- D[4] is the most significant bit.
- D[4:0] have programmable drive strengths 2, 4 and 6 mA
QCK
42
ODT
Tri-stateable data qualification clock.
CLKIN
40
BI
↑
LVDS negative Clock input
LST/D[5]
37
ODT
Tri-stateable Line start output
May be configured as tri-stateable output data bit 5 D[5].
FST/D[6]
38
ODT
Tri-stateable Frame start signal.
May be configured as tri-stateable output data bit 6 D[6].
D[7]
41
ODT
Tri-stateable Data wire (ms data bit).
May be configured as tri-stateable output data bit 6 D[6].
OEB
20
ID
↓
Digital output (tri-state) enable.
Digital control signals
RESETB
31
ID
↑
System Reset. Active Low.
May be configured as System Sync. Active Low.
SUSPEND
31
ID
↑
USB Suspend Mode Control signal. Active High
If this feature is not required then the support circuit must pull the pin to
ground. The combination of an active high signal and pull up pad was
chosen to limit current drawn by the device while in suspend mode.
Serial interface
SCL
18
BI
↑
Serial bus clock (input only).
SDA
17
BI
↑
Serial bus data (bidirectional, open drain).
System clocks
CLKI/CLKIP
39
ID
↓
Schmitt Buffered Clock input or LVDS positive Clock input
Not connected
NC
2, 7, 8, 10,13,
14, 19, 22-28,
48
Not connected
Key
A
Analogue Input
D
Digital Input
OA
Analogue Output
ID
↑
Digital input with internal pull-up
BI
Bidirectional
ID
↓
Digital input with internal pull-down
BI
↑
Bidirectional with internal pull-up
OD
Digital Output
BI
↓
Bidirectional with internal pull-down
ODT
Tri-stateable Digital Output
Name
Pin Number
Type
Description
Table 21 : VV6500 pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com