Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6411 Datasheet(PDF) 54 Page - STMicroelectronics

Part # VV6411
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6411 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button VV6411 Datasheet HTML 50Page - STMicroelectronics VV6411 Datasheet HTML 51Page - STMicroelectronics VV6411 Datasheet HTML 52Page - STMicroelectronics VV6411 Datasheet HTML 53Page - STMicroelectronics VV6411 Datasheet HTML 54Page - STMicroelectronics VV6411 Datasheet HTML 55Page - STMicroelectronics VV6411 Datasheet HTML 56Page - STMicroelectronics VV6411 Datasheet HTML 57Page - STMicroelectronics VV6411 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 63 page
background image
VV6500 pinout information and package dimensions
STV0680B+ VV6410/6411/6500
54/63
Version 3.4
10.2
VV6500 pin description
Name
Pin Number
Type
Description
Power supplies
AVSS
11
GND
Core analogue ground and reference supplies.
SRAMVSS
21
GND
In-column SRAM analogue ground.
VDDio
43
PWR
Digital pad ring power.
VSScore
29
GND
Digital logic ground.
VSSio
30
GND
Digital pad ring ground.
SRAMVSS
21
GND
In-column SRAM analogue ground.
Analogue signals
VBG
1
OA
Internally generated bandgap reference voltage 1.22V
AIN
4
IA
Analogue input to Audio Amplifier
AOutP
5
OA
Analogue output of Audio Amplifier (positive)
AOutN
6
OA
Analogue output of Audio Amplifier (negative)
VDDHI
9
IA
Incoming power supply 4 -> 6V
VBase
46
OA
Drive for base of external bipolar
Vbus
47
IA
Incoming power supply 3.3 -> 6V
VDDCORE/
REG3V3
45
OA
On-chip Voltage Regulator Output
ARef
IA
On-chip Audio Amplifier Reference Input
Aud3V3
3
OA
On-chip Audio Amplifier Voltage Regulator Output
Vid3V3
12
OA
On-chip Video Supply Voltage Regulator Output
PORB
16
OA
Power-on Reset (Bar) Output.
Table 21 : VV6500 pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com