Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6411 Datasheet(PDF) 9 Page - STMicroelectronics

Part # VV6411
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6411 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VV6411 Datasheet HTML 5Page - STMicroelectronics VV6411 Datasheet HTML 6Page - STMicroelectronics VV6411 Datasheet HTML 7Page - STMicroelectronics VV6411 Datasheet HTML 8Page - STMicroelectronics VV6411 Datasheet HTML 9Page - STMicroelectronics VV6411 Datasheet HTML 10Page - STMicroelectronics VV6411 Datasheet HTML 11Page - STMicroelectronics VV6411 Datasheet HTML 12Page - STMicroelectronics VV6411 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
Version 3.4
9/63
STV0680B + VV6444/6410/6500
Introduction
1.4.6
User features on PC software (STV0680B-003)
All PC software written for a STV0680B-001 camera will function with a STV0680B-003 camera
which is only used to take still images/video.
The SDK (version 2.90 or later) allows for:
q
the OEM to write a custom application for uploading sound memos, based on the example
LCDC demo software.
q
the OEM to write a custom application for downloading custom sounds to the camera, based
on the example CustomSound software.
1.4.7
Power management features and USB compliance
q
Retention of pictures, recorded sounds, and downloaded custom sounds with extremely low
power operation, which appears to the user as if the camera is “switched off”.
q
Auto power-off after 30sec with no user activity
q
Operates from 4.5-6V battery, although system voltage is 5V or 3.3V, dependant on sensor.
q
Low battery detection
q
Dependant on hardware configuration, switch-over to USB power supply is supported, to allow
the device to operate with low batteries or without batteries, when connected to USB.
q
Full USB compliance requirements are listed in the USB specification, however, in a camera
designed using this chipset, the following must at least be included: (a) an SDRAM with
sufficiently low self-refresh current, (b) USB inrush protection circuitry, and (c) (in the case of
VV6444 only) a switched 5V sensor supply is used, to maintain sufficient supply voltage to the
5V sensor. See
Section 4 for further details.
1.4.8
General features
q
High speed picture/sounds upload to PC/Mac over USB
q
ST Colour processing algorithms included under license (as part of drivers/SDK)
q
USB or RS232 serial interface options, and VfW / TWAIN driver support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com