Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6411 Datasheet(PDF) 42 Page - STMicroelectronics

Part # VV6411
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6411 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button VV6411 Datasheet HTML 38Page - STMicroelectronics VV6411 Datasheet HTML 39Page - STMicroelectronics VV6411 Datasheet HTML 40Page - STMicroelectronics VV6411 Datasheet HTML 41Page - STMicroelectronics VV6411 Datasheet HTML 42Page - STMicroelectronics VV6411 Datasheet HTML 43Page - STMicroelectronics VV6411 Datasheet HTML 44Page - STMicroelectronics VV6411 Datasheet HTML 45Page - STMicroelectronics VV6411 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
STV0680B pinout information and package dimensions
STV0680B+ VV6410/6411/6500
42/63
Version 3.4
41
AD4
Output
SDRAM address A4
2mA
(SL)
40
AD3
Output
SDRAM address A3
2mA
(SL)
38
AD2
Output
SDRAM address A2
2mA
(SL)
36
AD1
Output
SDRAM address A1
2mA
(SL)
34
AD0
Output
SDRAM address A0
2mA
(SL)
32
AD10
Output
SDRAM address A10
2mA
(SL)
26
AD12
Output
SDRAM address A12, BA0 for 64M SDRAM, unused
on 16M
2mA
(SL)
30
AD13
Output
SDRAM address A13, BA1 for 64M SDRAM, unused
on 16M
2mA
(SL)
25
CS
Output, active low
Chip select: enables (registered LOW) and disables
(registered HIGH) the SDRAM command decoder.
2mA
(SL)
23
RAS
Output, active low
SDRAM row address strobe command
2mA
(SL)
21
CAS
Output, active low
SDRAM column address strobe command
2mA
(SL)
19
WE
Output, active low
SDRAM write enable command
2mA
(SL)
18
DQML
Output
Data input/output mask for dram_DQ[7:0]
2mA
(SL)
16
DQ7
Input/Output
SDRAM Data Bus
2mA
(SL)
14
DQ6
Input/Output
SDRAM Data Bus
2mA
(SL)
12
DQ5
Input/Output
SDRAM Data Bus
2mA
(SL)
10
DQ4
Input/Output
SDRAM Data Bus
2mA
(SL)
8
DQ3
Input/Output
SDRAM Data Bus
2mA
(SL)
6
DQ2
Input/Output
SDRAM Data Bus
2mA
(SL)
4
DQ1
Input/Output
SDRAM Data Bus
2mA
(SL)
Pin no.
Signal
Type
Description
Drive
Table 19 : STV0680B Pin listing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com