Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6411 Datasheet(PDF) 51 Page - STMicroelectronics

Part # VV6411
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6411 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button VV6411 Datasheet HTML 47Page - STMicroelectronics VV6411 Datasheet HTML 48Page - STMicroelectronics VV6411 Datasheet HTML 49Page - STMicroelectronics VV6411 Datasheet HTML 50Page - STMicroelectronics VV6411 Datasheet HTML 51Page - STMicroelectronics VV6411 Datasheet HTML 52Page - STMicroelectronics VV6411 Datasheet HTML 53Page - STMicroelectronics VV6411 Datasheet HTML 54Page - STMicroelectronics VV6411 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 63 page
background image
Version 3.4
51/63
STV0680B + VV6410/6411/6500
VV6410/6411 pinout information and package dimensions
9.3
VV6410/6411 package dimensions
(36pin LCC).
Figure 13 : VV6410/6411 36LCC Package Detail
Note: 1 Die is optically centred
2 Refractive Index of Glass is approx. 1.52
Pin n°1
(CO.2)
24
32
23
0.178 Max.
B/F Pull Back
33
30
1
5
6
14
15
0.7366
Typ.
10.668 SQ.-0.13
+0.2
8.636 SQ. ±0.13
7.366 SQ. ±0.13
A 0.08
0.08
-A-
1.549 ±0.16
0.571±0.05
0.546 ±0.05
0.55 ±0.05
0.432 ±0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com