Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6411 Datasheet(PDF) 32 Page - STMicroelectronics

Part # VV6411
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6411 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VV6411 Datasheet HTML 28Page - STMicroelectronics VV6411 Datasheet HTML 29Page - STMicroelectronics VV6411 Datasheet HTML 30Page - STMicroelectronics VV6411 Datasheet HTML 31Page - STMicroelectronics VV6411 Datasheet HTML 32Page - STMicroelectronics VV6411 Datasheet HTML 33Page - STMicroelectronics VV6411 Datasheet HTML 34Page - STMicroelectronics VV6411 Datasheet HTML 35Page - STMicroelectronics VV6411 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
Detailed chipset specifications
STV0680B + VV6444/6410/6500
32/63
Version 3.4
6.4
VV6410/6411 and VV6500 sensors
Note: 1 Assuming appropriate external hardware recommendations are implemented (see Chapter 6), the
sensor SUSPEND pin is asserted during Standby Mode/PC Suspend Mode. Hence the sensor is
placed in Sensor Suspend mode by means of (a) a Serial interface message and (b) the SUSPEND
pin being asserted.
2 Where the external hardware does not permit the sensor SUSPEND pin to be asserted (during
Standby Mode/PC Suspend Mode, the sensor is placed in Sensor Suspend mode by means of a
Serial interface message only. This increases current consumption due to a pull-up on the
SUSPEND pin. This only applies to VV6500.
Colour Image Format
352 x 288 pixels (CIF)
Pixel Size
7.5 x 6.9
µm
Image array size
2.67mm x 2.04mm
Array Format
CIF
Sensor signal / Noise ratio
Approx. 57dB
Package type
36LCC (VV6410) TBD (VV6411)
Supply Voltage
3.3V DC +/-5%
Operating Temp. range
0oC - 40oC
Current consumption
Min.
Typ
Max.
Units
’Snapshot’/self-timer/continuous/tethered video
modes of operation
25
40
mA
Stand-by Mode/PC Suspend Mode
<70
100
µA
Table 15 : VV6410/6411 specifications
Colour Image Format
640 x 480 pixels (VGA)
Pixel Size
7.5 x 7.5
µm
Image array size
4.89mm x 3.66mm
Array Format
VGA
Sensor signal / Noise ratio
Approx. 57dB
Supply Voltage
3.3V DC +/-5%
Package type
48LCC
Operating Temp. range
0oC - 40oC
Current consumption
Min.
Typ
Max
Units
’Snapshot’/self-timer/continuous/tethered video
modes of operation
30
50
mA
Standby Mode/PC Suspend Mode, SUSPEND
pin asserted (see
Note 1)
<100
150
µA
Standby Mode/PC Suspend Mode, SUSPEND
pin
not asserted (see Note 2)
<200
200
µA
Table 16 : VV6500 specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com