Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6411 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VV6411
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6411 Datasheet(HTML) 1 Page - STMicroelectronics

  VV6411 Datasheet HTML 1Page - STMicroelectronics VV6411 Datasheet HTML 2Page - STMicroelectronics VV6411 Datasheet HTML 3Page - STMicroelectronics VV6411 Datasheet HTML 4Page - STMicroelectronics VV6411 Datasheet HTML 5Page - STMicroelectronics VV6411 Datasheet HTML 6Page - STMicroelectronics VV6411 Datasheet HTML 7Page - STMicroelectronics VV6411 Datasheet HTML 8Page - STMicroelectronics VV6411 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
September 2001
Version 3.4
1/63
STV0680B+ VV6410/6411/6500
DUAL-MODE DIGITAL CAMERA CHIPSET
®
DESCRIPTION
STMicroelectronics Imaging Division has enhanced
the feature set of the STV0680B low cost dual-
mode camera chipset to allow a new line of low cost
cameras or toy products to be brought to the
market.
STANDARD FEATURES
ST have maintained the standard features already
available in the successful STV0680B-001 chipset,
including:
q
STV0680B-003 fully backward compatible
with STV0680B-001
q
Support for VV6410/6411 (CIF) and VV6500
(VGA) CMOS imaging sensors.
q
Support for SDRAM sizes 16MBit (up to 20
CIF images) or 64Mbit (up to 80 CIF or 26
VGA images).
q
Low resolution “economy” mode allows for
more images to be stored.
q
High frame rate web cam (tethered video)
over USB.
q
Automatic anti-flicker exposure control.
q
Image up load over RS232 or USB.
q
Driver support for Win98/Win2k/WinME and
MacOS 8.6/9.0/9.1.
q
Continuous capture while untethered (except
when Flashgun enabled) and downloading to
AVI file format
q
Power-saving “stand-by” mode which
maintains memory contents, as well as
generally low power consumption.
q
Simple user interface including 2 buttons,
status LCD display, and buzzer.
q
Evaluation Kit (EVK) available.
q
Software Development Kit (SDK) allows OEM
PC Software applications to be written.
NEW FEATURES AVAILABLE IN STV0680B-003
q
Audio record/playback and “Delete Last”
function
q
Custom sounds playback (e.g. “Talking” or
“Musical” camera)
q
Flashgun support
q
Quick Power Down (by holding Mode
Button).
Audio Record And Playback
The enhanced features included in STV0680B-003
allow audio memos to be recorded, stored in
SDRAM, and uploaded to the PC over USB or
RS232, to be played back using an OEM software
application developed using the SDK
With the addition of playback hardware, recorded
audio sounds can also be played back on the
camera, and it is possible to download a set of
custom sounds from the PC to allow (e.g.) shutter
“Click-Whirr”, or for a “Talking Camera”. This has
limitless possibilities for OEM language
customising or licensing.
Flashgun Support and “Delete Last” Function
STV0680B-003 includes flashgun support for an
OEM flashgun module. An additional user interface
function is available in STV0680B-003 which allows
the user to delete the last image, continuous clip or
audio memo which was captured or recorded.
Evaluation Kit and Reference Design
Evaluation kits are available for both standard
features and enhanced STV0680B-003 features.
Precise design guidelines are available from ST as
a separate STV0680B Reference design manual
(see
Chapter 12).
Note:
Simultaneous audio record and
continuous video capture is not possible.


Similar Part No. - VV6411

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VV6411 STMICROELECTRONICS-VV6411 Datasheet
351Kb / 44P
DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
Mar-2003
VV6411C036 STMICROELECTRONICS-VV6411C036 Datasheet
351Kb / 44P
DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
Mar-2003
More results

Similar Description - VV6411

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA8122 PHILIPS-SAA8122 Datasheet
53Kb / 7P
Digital Still Camera
1999 sep 01
logo
STMicroelectronics
STV0681 STMICROELECTRONICS-STV0681 Datasheet
351Kb / 44P
DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
Mar-2003
STV0674 STMICROELECTRONICS-STV0674 Datasheet
336Kb / 35P
Tri-mode CMOS digital camera co-processor
Jul-2003
logo
List of Unclassifed Man...
SPCA504A ETC-SPCA504A Datasheet
355Kb / 4P
Dual Mode PC Camera Processor
logo
STMicroelectronics
STV0672 STMICROELECTRONICS-STV0672 Datasheet
25Kb / 2P
USB VGA Digital Camera Chipset
Oct-1999
logo
List of Unclassifed Man...
MX88L60UC ETC-MX88L60UC Datasheet
261Kb / 23P
DUAL-MODE PC CAMERA CONTROLLER
logo
STMicroelectronics
VV6444 STMICROELECTRONICS-VV6444 Datasheet
352Kb / 60P
Low Cost Digital Camera (LCDC) Chipset
Mar-2000
logo
Winbond
W99681CF WINBOND-W99681CF Datasheet
816Kb / 78P
JPEG USB Dual Mode Camera Chip
logo
SONiX Technology Compan...
SN9C2028AF SONIX-SN9C2028AF Datasheet
593Kb / 10P
SONiX Dual Mode Camera Processor
logo
Zoran Corporation
ZR36470 ZORAN-ZR36470 Datasheet
81Kb / 2P
Digital Camera Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com