Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6411 Datasheet(PDF) 19 Page - STMicroelectronics

Part # VV6411
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6411 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VV6411 Datasheet HTML 15Page - STMicroelectronics VV6411 Datasheet HTML 16Page - STMicroelectronics VV6411 Datasheet HTML 17Page - STMicroelectronics VV6411 Datasheet HTML 18Page - STMicroelectronics VV6411 Datasheet HTML 19Page - STMicroelectronics VV6411 Datasheet HTML 20Page - STMicroelectronics VV6411 Datasheet HTML 21Page - STMicroelectronics VV6411 Datasheet HTML 22Page - STMicroelectronics VV6411 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 63 page
background image
Version 3.4
19/63
STV0680B + VV6444/6410/6500
Camera modes of operation
3.3.6
Continuous mode - Ct
Pressing the shutter button within 5 seconds will cause the camera to start taking pictures for as
long as the shutter button is pressed down (and the camera is not full). If the shutter button is not
pressed within 5 seconds the camera will revert to normal picture taking mode.
Note: 1 During continuous mode the camera will allow pictures to be taken regardless of the available light,
which could result in insufficient exposure.
2 In continuous mode, only every alternate field is grabbed hence capture rate is halved. E.g. 12.5fps
CIF and 7.5fps VGA
3 On STV0680B-003, Continuous Mode is suppressed when the FlashGun enable signal (GPIO2) is
high.
3.3.7
Self timer - St
Pressing the shutter button will now start a 10-second self-timer. The camera will issue a short beep
every second and then a longer beep. A further beep will then indicate that the picture has been
taken (high beep - picture successful, low beep - insufficient light, picture not taken). The self-timer
mode can not be selected when the camera is full. The self-timer countdown cannot be stopped
once it has started.
3.3.8
Clearing the camera memory - CL
Pressing the shutter button once will cause the camera to beep and the ‘CL’ to start flashing.
Pressing the shutter button again within 5 seconds will clear all the images/audio clips in the
camera and reset the counter.
3.3.9
Changing picture resolution - Hr/Lr
The resolution option is displayed, either Hr. to change to high-resolution mode (if currently in low-
resolution mode) or Lr to change to low-resolution (if currently in high-resolution mode). Press the
shutter button within 5 seconds of selecting the resolution option, the camera will beep and the
display will reset indicating the number of pictures available in the new mode. The picture resolution
can be changed at any time, i.e. the camera can store both high and low resolution images.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com