Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6411 Datasheet(PDF) 16 Page - STMicroelectronics

Part # VV6411
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6411 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VV6411 Datasheet HTML 12Page - STMicroelectronics VV6411 Datasheet HTML 13Page - STMicroelectronics VV6411 Datasheet HTML 14Page - STMicroelectronics VV6411 Datasheet HTML 15Page - STMicroelectronics VV6411 Datasheet HTML 16Page - STMicroelectronics VV6411 Datasheet HTML 17Page - STMicroelectronics VV6411 Datasheet HTML 18Page - STMicroelectronics VV6411 Datasheet HTML 19Page - STMicroelectronics VV6411 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
Camera modes of operation
STV0680B + VV6444/6410/6500
16/63
Version 3.4
3
Camera modes of operation
This section refers to the two switches as discussed in section
Section 2.2.1
q
“Mode”: connects GPIO0 pin of STV0680B to GND when pressed
q
“Shutter”: connects GPIO1 pin of STV0680B to GND when pressed
Pressing the mode switch repeatedly cycles through a series of modes as displayed on the LCD.
When a given mode is displayed it may be selected by pressing the shutter button. If an option is not
selected within 5 seconds the display will revert to showing the number of available pictures.
3.1
Modes available (STV0680B-001)
Figure 3 : STV0680B-001modes (CIF camera with 16Mbit SDRAM assumed)
Note that the number of images displayed depends on the sensor and SDRAM type - see
Table 3.
Normal: 20 / 80
Continuous Capture: Ct
Self-Timer: St
Clear All: CL
Resolution: Hr / Lr
Press Mode button
After 30sec of inactivity
Standby mode (untethered)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com