Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6411 Datasheet(PDF) 15 Page - STMicroelectronics

Part # VV6411
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6411 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VV6411 Datasheet HTML 11Page - STMicroelectronics VV6411 Datasheet HTML 12Page - STMicroelectronics VV6411 Datasheet HTML 13Page - STMicroelectronics VV6411 Datasheet HTML 14Page - STMicroelectronics VV6411 Datasheet HTML 15Page - STMicroelectronics VV6411 Datasheet HTML 16Page - STMicroelectronics VV6411 Datasheet HTML 17Page - STMicroelectronics VV6411 Datasheet HTML 18Page - STMicroelectronics VV6411 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 63 page
background image
Version 3.4
15/63
STV0680B + VV6444/6410/6500
Detailed features
2.6
Anti-flicker exposure and gain control
2.6.1
General
The chipset operates automatic exposure and gain control for either 50Hz or 60Hz mains-driven
indoor lighting, using the same 12MHz crystal. This improves picture quality by selecting a set of
exposure values which minimise ‘flicker’ effects. Detection of the mains frequency is dependant on
the status of the GPIO3 pin, which can be achieved by population of a PCB link at a late stage in
production, once the country of destination is known, without the need to change the crystal
frequency.
The auto exposure and gain algorithm is always enabled during Snapshot’/self-timer/continuous
mode. When the shutter button is pressed in ‘Snapshot’ mode, the chipset captures an image if the
exposure and gain value has reached a suitable value for the current scene. If the light detected has
suddenly changed, the camera may emit an audible tone to indicate that more time is required to
reach the correct exposure target. In ‘Snapshot’ mode the chipset only captures the image data if
sufficient light is present in the image. In continuous capture mode, the chipset captures images
regardless of whether enough light is present.
The exposure control algorithm in STV0680B chooses exposure values which minimise “flicker”
effects from occurring under fluorescent lighting. STV0680B can only prevent flicker in lighting
powered by 50Hz or 60Hz electricity supply, but automatic detection of the flicker frequency is not
possible. Hence choosing the correct anti-flicker setting is important, in order to prevent dark stripes
form appearing across the image, and this selection must be done in hardware.
Figure 2 : Illustration of flicker problem
2.6.2
Flashgun exposure
Where STV0680B-003 and a flashgun module are included in the camera, and the flashgun enable
signal is HIGH, the exposure mode will operate in a different manner. The CMOS sensor
progressive scan readout requires that the sensor is set to maximum exposure so that all lines are
being exposed at a certain point in time.
The “window” within which the flashgun needs to fire in order to correctly expose all sensor lines is
of the order of a few 100µsec (contact ST for more precise details), therefore the flashgun module
design should have reached maximum light output within this period after the falling edge of the
flash trigger output from STV0680B-003.
Possible flashgun implementations, regarding hardware interface, charge sensing, and flash
energy required are discussed in a separate application note AN1312 regarding flashgun
implementation, available from ST.
Flicker setting not correct
Flicker setting correct



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com