Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37274EFSP Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 41Page - Renesas Technology Corp M37274EFSP Datasheet HTML 42Page - Renesas Technology Corp M37274EFSP Datasheet HTML 43Page - Renesas Technology Corp M37274EFSP Datasheet HTML 44Page - Renesas Technology Corp M37274EFSP Datasheet HTML 45Page - Renesas Technology Corp M37274EFSP Datasheet HTML 46Page - Renesas Technology Corp M37274EFSP Datasheet HTML 47Page - Renesas Technology Corp M37274EFSP Datasheet HTML 48Page - Renesas Technology Corp M37274EFSP Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 148 page
background image
44
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
Fig. 39. Caption Position Register
(6) Reference Voltage Generating Circuit and
Comparator
The composite video signal clamped by the clamping circuit is input
to the reference voltage generating circuit and the comparator.
Reference voltage generating circuit
This circuit generates a reference voltage (slice voltage) by using
the amplitude of the clock run-in pulse in line specified by the data
Line
Line specified by bits 4 to 0 of CP
(Main data slice line)
Line specified by bits 7 to 3 of DSC3
(Sub-data slice line)
DSC1 : Data slice control register 1
DSC3 : Data slice control register 3
CP : Caption position register
Field
Field specified by bit 1 of DSC1
0: F2
1: F1
Field specified by bit 1 of DSC3
0: F2
1: F1
Bit 0 of DSC3
0
1
slice line specification circuit. Connect a capacitor between the
VHOLD pin and the VSS pin, and make the length of wiring as short
as possible so that a leakage current may not be generated.
Comparator
The comparator compares the voltage of the composite video signal
with the voltage (reference voltage) generated in the reference
voltage generating circuit, and converts the composite video signal
into a digital value.
b7 b6 b5 b4 b3 b2 b1 b0
Caption Position Register (CP) [Address 00E0 16]
Caption Position Register
0
to
4
0R W
0R W
Specification main data
slice line (CP0 to CP4)
7
Fix this bit to “0.”
5, 6 Fix these bits to “0.”
B
After reset
Functions
Name
RW
10
0
0R W
Table 4. Specifying of Field Whose Sets Reference Voltage
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com