Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37274EFSP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 9Page - Renesas Technology Corp M37274EFSP Datasheet HTML 10Page - Renesas Technology Corp M37274EFSP Datasheet HTML 11Page - Renesas Technology Corp M37274EFSP Datasheet HTML 12Page - Renesas Technology Corp M37274EFSP Datasheet HTML 13Page - Renesas Technology Corp M37274EFSP Datasheet HTML 14Page - Renesas Technology Corp M37274EFSP Datasheet HTML 15Page - Renesas Technology Corp M37274EFSP Datasheet HTML 16Page - Renesas Technology Corp M37274EFSP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 148 page
background image
12
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
Fig. 5. Memory Map of Special Function Register 1 (SFR1) (1)
s SFR1 area (addresses C016 to DF16)
D016
D116
D216
D316
D416
D516
D616
D716
D816
D916
DA16
DB16
DC16
DD16
DE16
DF16
C016
C116
C216
C316
C416
C516
C616
C716
C816
C916
CB16
CC16
CD16
CE16
CF16
CA16
Address
Port P5 (P5)
OSD control register (OC)
Horizontal position register (HP)
Block control register 1 (BC1)
Port P1 (P1)
Port P1 direction register (D1)
Port P3 (P3)
Port P3 direction register (D3)
Port P2 (P2)
Port P2 direction register (D2)
Register
Port P0 (P0)
Port P0 direction register (D0)
Block control register 2 (BC2)
Block control register 3 (BC3)
Block control register 4 (BC4)
Block control register 5 (BC5)
Block control register 6 (BC6)
Block control register 7 (BC7)
Bit allocation
State immediately after reset
Port P4 (P4)
Port P4 direction register (D4)
OSD port control register (PF)
Port P6 (P6)
Block control register 8 (BC8)
Block control register 9 (BC9)
Block control register 10 (BC10)
Block control register 11 (BC11)
Block control register 12 (BC12)
Port P7 (P7)
: Fix to this bit to “0”
(do not write to “1”)
:
<
Bit allocation >
<
State immediately after reset >
Function bit
: No function bit
: Fix to this bit to “1”
(do not write to “0”)
Name
:
: “0” immediately after reset
: Indeterminate immediately
after reset
0
1
?
: “1” immediately after reset
1
0
b7
b0 b7
b0
?
0016
?
0016
?
0016
?
?
?
?
?
?
?
?
?
?
R
G
B
OUT1
OUT2
0
0?
0
0?
?
0
?
?
?
?
?
?
?
OC6
OC7
OC4
OC5
OC2
OC3
OC0
OC1
0016
BC11
BC12
BC21
BC22
BC31
BC32
BC41
BC42
BC51
BC52
BC61
BC62
BC71
BC72
BC81
BC82
BC91
BC92
BC101
BC102
BC111
BC112
BC121
BC122
BC13
BC23
BC33
BC43
BC53
BC63
BC73
BC83
BC93
BC103
BC113
BC123
BC14
BC24
BC34
BC44
BC54
BC64
BC74
BC84
BC94
BC104
BC114
BC124
BC15
BC25
BC35
BC45
BC55
BC65
BC75
BC85
BC95
BC105
BC115
BC125
BC16
BC26
BC36
BC46
BC56
BC66
BC76
BC86
BC96
BC106
BC116
BC126
BC17
BC27
BC37
BC47
BC57
BC67
BC77
BC87
BC97
BC107
BC117
BC127
HP6
HP7
HP4
HP5
HP2
HP3
HP0
HP1
0016
0016
?
0016
?
0016
?
T3SC
P6IM
P45D
P46D
0
0
0
0
BC10
BC20
BC30
BC40
BC50
BC60
BC70
BC80
BC90
BC100
BC110
BC120
BC
BC
131
BC132
BC133
BC134
BC135
BC136
BC137
130
BC141
BC142
BC151
BC152
BC143
BC153
BC144
BC154
BC145
BC155
BC146
BC156
BC147
BC157
BC140
BC150
BC165
BC167
BC160
BC166
BC164
BC161
BC162
BC163
Block control register 13 (BC13)
Block control register 14 (BC14)
Block control register 15 (BC15)
Block control register 16 (BC16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com