Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37274EFSP Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 11Page - Renesas Technology Corp M37274EFSP Datasheet HTML 12Page - Renesas Technology Corp M37274EFSP Datasheet HTML 13Page - Renesas Technology Corp M37274EFSP Datasheet HTML 14Page - Renesas Technology Corp M37274EFSP Datasheet HTML 15Page - Renesas Technology Corp M37274EFSP Datasheet HTML 16Page - Renesas Technology Corp M37274EFSP Datasheet HTML 17Page - Renesas Technology Corp M37274EFSP Datasheet HTML 18Page - Renesas Technology Corp M37274EFSP Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 148 page
background image
14
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
Fig. 7. Memory Map of Special Function Register 2 (SFR2) (1)
21016
21116
21216
21316
21416
21516
21616
21716
21816
21916
21A16
21B16
21C16
21D16
21E16
21F16
20016
20116
20216
20316
20416
20516
20616
20716
20816
20916
20B16
20C16
20D16
20E16
20F16
20A16 PWM mode register 1 (PN)
Timer 5 (TM5)
Sync pulse counter register (SYC)
Data slicer control register 3 (DSC3)
PWM2 register (PWM2)
PWM6 register (PWM6)
PWM4 register (PWM4)
PWM5 register (PWM5)
PWM0 register (PWM0)
PWM1 register (PWM1)
Interrupt input polarity register (IP)
Serial I/O mode register (SM)
Serial I/O register (SIO)
Clock source control register (CS)
Extra font color register (EC)
Window H register 1 (WH1)
Window L register 1 (WL1)
Window H register 2 (WH2)
Window L register 2 (WL2)
Clock run-in detect register 3 (CRD3)
Clock run-in register (CR3)
Timer 6 (TM6)
Border color register (FC)
PWM3 register (PWM3)
PWM mode register 2 (PW)
Raster color register (RC)
I/O polarity control register (PC)
s SFR2 area (addresses 20016 to 21F16)
Address
Register
Bit allocation
State immediately after reset
: Fix to this bit to “0”
(do not write to “1”)
:
<
Bit allocation >
<
State immediately after reset >
Function bit
: No function bit
: Fix to this bit to “1”
(do not write to “0”)
Name
:
: “0” immediately after reset
: Indeterminate immediately
after reset
0
1
?
: “1” immediately after reset
1
0
b7
b0 b7
b0
SYC0
FC2
0016
?
?
?
?
?
?
?
FF16
0016
0016
PW0
PW1
PW2
PW3
PW4
PW5
PW6
PN3
SYC1
SYC2
SYC3
SYC4
SYC5
DSC30
DSC31
DSC32
DSC37
DSC35
RE3
INT3
POL
AD/INT3
SEL
INT3
POL
RE1
RE2
RE3
RE5
SM1
SM2
SM3
SM5
PC0
RE1
RE2
RE3
PC4
RE5
INT3
POL
AD/INT3
SEL
PC1
PC2
PC5
PC6
PC7
RE1
RE2
RE3
RE5
INT3
POL
CS0
CS4
CS1
CS2
CS3
CS5
CS6
RC0
RE1
RE2
RE5
INT3
POL
AD/INT3
SEL
RC1
RC2
RC5
RC6
RC7
RE1
RE2
RE5
FC0
FC1
WH20
WH21
WL20
WL21
?
?
0
1
0
00
0
00
?
?
?
0016
DSC36
DSC34 DSC33
?
??
?
0
0
0
0016
0
CRD31
CRD32
CRD33
CRD34
CRD35
PN0
PN1
PN2
EC0
EC1
EC2
?
0016
?
0716
0016
0016
0016
0016
0016
?
?
CRD34
CRD34
CRD34
CR36 CR35 CR34
CR34 CR33 CR32 CR31 CR30
WL17 WL16 WL15 WL14 WL13 WL12 WL21 WL20
INT2
POL
INT1
POL
WH17 WH16 WH15 WH14 WH13 WH12 WH11 WH10
0016
0
0016
0
0
SM4
SM0
0
00
0
0
0
0
0
0
0
0
0
0
0
0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com