Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37274EFSP Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 91Page - Renesas Technology Corp M37274EFSP Datasheet HTML 92Page - Renesas Technology Corp M37274EFSP Datasheet HTML 93Page - Renesas Technology Corp M37274EFSP Datasheet HTML 94Page - Renesas Technology Corp M37274EFSP Datasheet HTML 95Page - Renesas Technology Corp M37274EFSP Datasheet HTML 96Page - Renesas Technology Corp M37274EFSP Datasheet HTML 97Page - Renesas Technology Corp M37274EFSP Datasheet HTML 98Page - Renesas Technology Corp M37274EFSP Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 148 page
background image
94
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
Bit 4 of OSD control register
Bit 7 of block control register
Bit 4 of color code 1
OUT1 output signal
OUT2 output signal
Note : When using this function, set “0916” to the character below :
· The 1st character
· The 34th character and the following character.
(12) Automatic Solid Space Function
This function generates automatically the solid space (OUT1 or OUT2
blank output) of the character area in the CC mode.
The solid space is output in the following area :
· the character area except character code “0916 ”
· the character area on the left and right sides
This function is turned on and off by bit 4 of the OSD control register
(refer to Figure 64).
0
01
Character
Character
font part
display
area
OFF
Table 17. Setting for Automatic Solid Space
0
1
01
Character
font part
OFF
Character
display
area
0
01
Solid
space
OFF
1
1
01
Character
font part
Solid
space
Fig. 94. Display Screen Example of Automatic Solid Space
When setting the character code “05 16” as the character A, “06 16” as the character B.
(OSD RAM)
Character to be displayed
(Display screen)
2nd
character
3rd
character
(See note 1)
No blank output
34th
character
35th
character
40th
character
(See note 1)
1st
character
09 05 09 09 09 06 06
16
16
16
16
16
16
16
06 09
16
16
• • •
• • •
09
16
09
16
• • •
• • •



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com