Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37274EFSP Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 45Page - Renesas Technology Corp M37274EFSP Datasheet HTML 46Page - Renesas Technology Corp M37274EFSP Datasheet HTML 47Page - Renesas Technology Corp M37274EFSP Datasheet HTML 48Page - Renesas Technology Corp M37274EFSP Datasheet HTML 49Page - Renesas Technology Corp M37274EFSP Datasheet HTML 50Page - Renesas Technology Corp M37274EFSP Datasheet HTML 51Page - Renesas Technology Corp M37274EFSP Datasheet HTML 52Page - Renesas Technology Corp M37274EFSP Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 148 page
background image
48
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
For the main data slice line, the count value of pulses in the window
is stored in clock run-in register 1 (address 00E616; refer to Figure
44). For the sub-data slice line, the count value of pulses in the window
is stored in clock run-in register (address 020916; refer to Figure 45).
When this count value is 4 to 6, it is determined as a clock run-in.
Accordingly, set the count value so that the window may start after
the first pulse of the clock run-in (refer to Figure 46).
The contents to be set in the window register are written at a falling
of the horizontal synchronous signal. For this reason, even if an
instruction for setting is executed, the contents of the register cannot
be rewritten until a falling of the horizontal synchronous signal.
For the main data slice line, reference clock is counted in the period
from a falling of the clock pulse set in bits 0 to 2 of clock run-in detect
register 2 (address 00E916) to the next falling. The count value is
stored in bits 3 to 7 of clock run-in detect register 1 (address 00E816)
(When the count value exceeds “1F16,” “1F16” is held). For the sub-
data slice line, the count value is stored in bits 3 to 7 of clock run-in
detect register 3 (address 020816). Read out these bits after the
occurence of a data slicer interrupt (refer to (11) Interrupt Request
Generating Circuit).
Figure 48 shows the structure of clock run-in detect registers 1 and
3.
Fig. 44. Clock Run-in Register 1
b7 b6 b5 b4 b3 b2 b1 b0
Clock run-in register 1 (CR1) [Address 00E6 16]
Clock Run-in Register 1
0
to
3
0R W
Clock run-in count value
of main-data slice line
(CR10 to CR13)
0R W
4, 6
Fix these bits to “1.”
B
After reset
Functions
Name
RW
10
1
0R W
5, 7
Fix these bits to “0.”
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com