Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37274EFSP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M37274EFSP Datasheet HTML 1Page - Renesas Technology Corp M37274EFSP Datasheet HTML 2Page - Renesas Technology Corp M37274EFSP Datasheet HTML 3Page - Renesas Technology Corp M37274EFSP Datasheet HTML 4Page - Renesas Technology Corp M37274EFSP Datasheet HTML 5Page - Renesas Technology Corp M37274EFSP Datasheet HTML 6Page - Renesas Technology Corp M37274EFSP Datasheet HTML 7Page - Renesas Technology Corp M37274EFSP Datasheet HTML 8Page - Renesas Technology Corp M37274EFSP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 148 page
background image
DESCRIPTION
The M3727EFSP is a single-chip microcomputer designed with CMOS
silicon gate technology. It is housed in a 52-pin shrink plastic molded
DIP.
In addition to their simple instruction sets, the ROM, RAM and I/O
addresses are placed on the same memory map to enable easy pro-
gramming.
The M3727EFSP has a OSD function and a data slicer function, so it
is useful for a channel selection system for TV with a closed caption
decoder.
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
M37274EFSP
• OSD function
Display characters ............................... 40 characters ! 16 lines
Kinds of characters ..................................................... 256 kinds
(In EXOSD mode, they can be combined with 16 kinds of extra
fonts)
Character display area ........................ CC mode : 16 ! 26 dots
OSD mode : 16 ! 20 dots
EXOSD mode : 16 ! 26 dots
Kinds of character sizes ............................... CC mode : 2 types
OSD mode : 14 types
EXOSD mode : 6 types
Kinds of character background colors
CC mode : 7 kinds (a character unit)
OSD mode : 7 kinds (a character unit)
EXOSD mode : 5 kinds (a character unit)
It can be specified by a screen unit (maximum 7 kinds).
Extra font coloring, raster coloring, border coloring
Kinds of character colors ............... CC mode : 7 kinds (R, G, B)
OSD mode : 7 kinds (R, G, B)
EXOSD mode : 5 kinds (R, G, B)
Display position
Horizontal ................................................................ 256 levels
Vertical .................................................................. 1024 levels
Attribute ...................... CC mode : smooth italic, underline, flash
OSD mode : border
EXOSD mode : border,
extra font (16 kinds)
Automatic solid space function
Window function
Dual layer OSD function
APPLICATION
TV with a closed caption decoder
FEATURES
• Number of basic instructions ..................................................... 71
• Memory size
ROM ....................................................... 60 K bytes
RAM ........................................................ 1024 bytes
ROM correction memory ............................. 64 bytes
ROM for OSD ....................................... 11072 bytes
RAM for OSD .......................................... 1920 bytes
• Minimum instruction execution time
......................................... 0.5
µs (at 8 MHz oscillation frequency)
• Power source voltage...................................................5 V ± 10 %
• Subroutine nesting ............................................. 128 levels (Max.)
• Interrupts ....................................................... 18 types, 16 vectors
• 8-bit timers .................................................................................. 6
• Programmable I/O ports (Ports P0, P1, P2, P30, P31) .............. 26
• Input ports (Ports P40–P46, P63, P64, P70–P72) ...................... 12
• Output ports (Ports P52–P55)...................................................... 4
• 12 V withstand ports.................................................................... 7
• LED drive ports ........................................................................... 2
• Serial I/O ............................................................ 8-bit ! 1 channel
• Multi-master I2C-BUS interface ................................1 (2 systems)
• A-D converter (8-bit resolution) .................................... 6 channels
• PWM output circuit ......................................... 14-bit ! 1, 8-bit ! 7
• Power dissipation
In high-speed mode .......................................................... 165mW
(at VCC = 5.5V, 8MHz oscillation frequency, CRT on, and Data
slicer on)
In low-speed mode ........................................................... 0.33mW
(at VCC = 5.5V, 32kHz oscillation frequency)
• Data slicer
• ROM correction function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com