Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37274EFSP Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 69Page - Renesas Technology Corp M37274EFSP Datasheet HTML 70Page - Renesas Technology Corp M37274EFSP Datasheet HTML 71Page - Renesas Technology Corp M37274EFSP Datasheet HTML 72Page - Renesas Technology Corp M37274EFSP Datasheet HTML 73Page - Renesas Technology Corp M37274EFSP Datasheet HTML 74Page - Renesas Technology Corp M37274EFSP Datasheet HTML 75Page - Renesas Technology Corp M37274EFSP Datasheet HTML 76Page - Renesas Technology Corp M37274EFSP Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 148 page
background image
72
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
The horizontal position is common to all blocks, and can be set in
256 steps (where 1 step is 4TOSC, TOSC being the oscillating cycle
for display) as values “0016” to “FF16” in bits 0 to 7 of the horizontal
position register (address 00CF16). The structure of the horizontal
position register is shown in Figure 72.
Fig. 72. Horizontal Position Register
b7 b6 b5 b4 b3 b2 b1 b0
Horizontal position register (HP) [Address 00CF16]
B
Name
Functions
After reset RW
Horizontal Position Register
Control bits of horizontal
display start positions
(HP0 to HP7)
Horizontal display start positions
4TOSC !
(setting value of high-order 4 bits ! 161 +
setting value of low-order 4 bits ! 160 )
0R W
0
to
7
Notes 1. The setting value synchronizes with the V SYNC.
2. TOSC = OSD oscillation period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com