Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37274EFSP Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 28Page - Renesas Technology Corp M37274EFSP Datasheet HTML 29Page - Renesas Technology Corp M37274EFSP Datasheet HTML 30Page - Renesas Technology Corp M37274EFSP Datasheet HTML 31Page - Renesas Technology Corp M37274EFSP Datasheet HTML 32Page - Renesas Technology Corp M37274EFSP Datasheet HTML 33Page - Renesas Technology Corp M37274EFSP Datasheet HTML 34Page - Renesas Technology Corp M37274EFSP Datasheet HTML 35Page - Renesas Technology Corp M37274EFSP Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 148 page
background image
31
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
Fig. 24. 14-bit PWM Output Example (f(XIN) = 8MHz)
0.25 µs
b7
b0
b6 b5 b4 b3 b2 b1
0
0
010
11
0
b13
b6
0
0
0
101
10
b0
b5
101
000
Set “2C16” to DA-H register.
[DA-H
register]
DH
At writing of DA-L
b0
b6 b5 b4 b3 b2 b1
0
1
010
0
Set “2816” to DA-L register.
[DA-L register]
DL
At writing of DA-L
Undefined
These bits decide “H” level area of
fundamental waveform.
These bits decide smaller interval “tm” in which “H” leval
area is [“H” level area of fundamental waveform +
τ ].
=
Minimum
resolution bit
width 0.25 µs
High-order 8-bit
value of DA latch
!
“H” level area of
fundamental waveform
FF
00
D3
FE FD …
……
D6
D4
02 01
D5
14-bit
PWM output
8-bit
counter
0.25 µs ! 44
FF
00
D3
FE FD
D6
D4
02 01
D5
14-bit
PWM output
8-bit
counter
0.25 µs ! 45
Fundamental
waveform
Waveform of smaller interval “tm” specified by low-order 6 bits
Fundamental waveform of smaller interval
“tm” which is not specified by low-order 6
bits is not changed.
14-bit PWM output
Low-order 6-bit output
of DA latch
0.25 µs ! 44
τ = 0.25 µs
T = 4096 µs
Repeat period
t0
t1
t2
t3
t4
t5
t59
t60
t61
t62
t63
[DA latch]
…
b7
2C 2B 2A … 03 02 01 00
2C 2B 2A … 03 02 01 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com