Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37274EFSP Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 93Page - Renesas Technology Corp M37274EFSP Datasheet HTML 94Page - Renesas Technology Corp M37274EFSP Datasheet HTML 95Page - Renesas Technology Corp M37274EFSP Datasheet HTML 96Page - Renesas Technology Corp M37274EFSP Datasheet HTML 97Page - Renesas Technology Corp M37274EFSP Datasheet HTML 98Page - Renesas Technology Corp M37274EFSP Datasheet HTML 99Page - Renesas Technology Corp M37274EFSP Datasheet HTML 100Page - Renesas Technology Corp M37274EFSP Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 148 page
background image
96
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
Fig. 97. Window H Register 2
Fig. 96. Window H Register 1
b7 b6 b5 b4 b3 b2 b1 b0
Window H register 1 (WH1) [Address 021C16]
B
Name
Functions
After reset
R W
Window H Register 1
0
to
7
Control bits of window
top boundary
(WN10 to WN17)
(See note 1)
Top boundary position (low-order 8 bits)
TH !
(setting value of low-order 2 bits of WH2 ! 162
+ setting value of high-order 4 bits of WH1 ! 161
+ setting value of low-order 4 bits of WH1 ! 160)
Indeterminate RW
Notes 1: Set values except “00 16” to the WH1 when WH2 is “00 16.”
2: TH is cycle of HSYNC.
3: WH2: Window H register 2
b7 b6 b5 b4 b3 b2 b1 b0
Window H register 2 (WH2) [Address 021E16]
B
Name
Functions
After reset
R W
Window H Register 2
0, 1 Control bits of window
top boundary
(WN20 ,WN21)
(See note 1)
Top boundary position (high-order 2 bits)
TH !
(setting value of low-order 2 bits of WH2 ! 162
+ setting value of high-order 4 bits of WH1 ! 161
+ setting value of low-order 4 bits of WH1 ! 160)
Indeterminate RW
Notes 1: Set values except “00 16” to the WH1 when WH2 is “00 16.”
2: TH is cycle of HSYNC.
3: WH1: Window H register 1
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are indeterminate.
2
to
7
Indeterminate R—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com