Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37274EFSP Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 54Page - Renesas Technology Corp M37274EFSP Datasheet HTML 55Page - Renesas Technology Corp M37274EFSP Datasheet HTML 56Page - Renesas Technology Corp M37274EFSP Datasheet HTML 57Page - Renesas Technology Corp M37274EFSP Datasheet HTML 58Page - Renesas Technology Corp M37274EFSP Datasheet HTML 59Page - Renesas Technology Corp M37274EFSP Datasheet HTML 60Page - Renesas Technology Corp M37274EFSP Datasheet HTML 61Page - Renesas Technology Corp M37274EFSP Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 148 page
background image
57
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
Fig. 55. I2C Control Register
b7 b6 b5 b4 b3 b2 b1 b0
0
to
2
Bit counter
(Number of transmit/recieve
bits)
(BC0 to BC2)
b2 b1 b0
0
0
0 : 8
0
0
1 : 7
0
1
0 : 6
0
1
1 : 5
1
0
0 : 4
1
0
1 : 3
1
1
0 : 2
1
1
1 : 1
3
I2C-BUS interface use
enable bit (ESO)
0 : Disabled
1 : Enabled
4
Data format selection bit
(ALS)
0 : Addressing mode
1 : Free data format
5
Addressing format selection
bit (10BIT SAD)
0 : 7-bit addressing format
1 : 10-bit addressing format
6, 7 Connection control bits
between I C-BUS interface
and ports
b7 b6 Connection port (See note)
0
0 : None
0
1 : SCL1, SDA1
1
0 : SCL2, SDA2
1
1 : SCL1, SDA1
SCL2, SDA2
0
0
0
0
0
I2C control register (S1D : address 00F9 16)
I2C Control Register
B
Name
Functions
After reset RW
Note: When using ports P11-P14 as I C-BUS interface, the output structure changes
automatically from CMOS output to N-channel open-drain output.
2
2
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com