Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37274EFSP Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 55Page - Renesas Technology Corp M37274EFSP Datasheet HTML 56Page - Renesas Technology Corp M37274EFSP Datasheet HTML 57Page - Renesas Technology Corp M37274EFSP Datasheet HTML 58Page - Renesas Technology Corp M37274EFSP Datasheet HTML 59Page - Renesas Technology Corp M37274EFSP Datasheet HTML 60Page - Renesas Technology Corp M37274EFSP Datasheet HTML 61Page - Renesas Technology Corp M37274EFSP Datasheet HTML 62Page - Renesas Technology Corp M37274EFSP Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 148 page
background image
58
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
(5) I2C Status Register
The I2C status register (address 00F816) controls the I2C-BUS inter-
face status. The low-order 4 bits are read-only bits and the high-
order 4 bits can be read out and written to.
s Bit 0: Last Receive Bit (LRB)
This bit stores the last bit value of received data and can also be
used for ACK receive confirmation. If ACK is returned when an ACK
clock occurs, the LRB bit is set to “0.” If ACK is not returned, this bit
is set to “1.” Except in the ACK mode, the last bit value of received
data is input. The state of this bit is changed from “1” to “0” by execut-
ing a write instruction to the I2C data shift register (address 00F616).
s Bit 1: General Call Detecting Flag (AD0)
This bit is set to “1” when a general callV whose address data is all “0”
is received in the slave mode. By a general call of the master device,
every slave device receives control data after the general call. The
AD0 bit is set to “0” by detecting the STOP condition or START con-
dition.
VGeneral call: The master transmits the general call address “0016”
to all slaves.
s Bit 2: Slave Address Comparison Flag (AAS)
This flag indicates a comparison result of address data.
In the slave receive mode, when the 7-bit addressing format is
selected, this bit is set to “1” in one of the following conditions.
•The address data immediately after occurrence of a START
condition matches the slave address stored in the high-order
7 bits of the I2C address register (address 00F716).
•A general call is received.
In the slave reception mode, when the 10-bit addressing format is
selected, this bit is set to “1” with the following condition.
•When the address data is compared with the I2C address
register (8 bits consists of slave address and RBW), the first
bytes match.
The state of this bit is changed from “1” to “0” by executing a write
instruction to the I2C data shift register (address 00F616). s Bit 3:
Arbitration LostV Detecting Flag (AL)
In the master transmission mode, when a device other than the mi-
crocomputer sets the SDA to “L,”, arbitration is judged to have been
lost, so that this bit is set to “1.” At the same time, the TRX bit is set to
“0,” so that immediately after transmission of the byte whose arbitra-
tion was lost is completed, the MST bit is set to “0.” When arbitration
is lost during slave address transmission, the TRX bit is set to “0”
and the reception mode is set. Consequently, it becomes possible to
receive and recognize its own slave address transmitted by another
master device.
VArbitration lost: The status in which communication as a master is
disabled.
s Bit 4: I2C-BUS Interface Interrupt Request Bit (PIN)
This bit generates an interrupt request signal. Each time 1-byte data
is transmitted, the state of the PIN bit changes from “1” to “0.” At the
same time, an interrupt request signal is sent to the CPU. The PIN bit
is set to “0” in synchronization with a falling edge of the last clock
(including the ACK clock) of an internal clock and an interrupt re-
quest signal occurs in synchronization with a falling edge of the PIN
bit. When the PIN bit is “0,” the SCL is kept in the “0” state and clock
generation is disabled. Figure 57 shows an interrupt request signal
generating timing chart.
The PIN bit is set to “1” in any one of the following conditions.
•Executing a write instruction to the I2C data shift register (address
00F616).
•When the ESO bit is “0”
•At reset
The conditions in which the PIN bit is set to “0” are shown below:
•Immediately after completion of 1-byte data transmission (includ-
ing when arbitration lost is detected)
•Immediately after completion of 1-byte data reception
•In the slave reception mode, with ALS = “0” and immediately after
completion of slave address or general call address reception
•In the slave reception mode, with ALS = “1” and immediately after
completion of address data reception
s Bit 5: Bus Busy Flag (BB)
This bit indicates the status of use of the bus system. When this bit is
set to “0,” this bus system is not busy and a START condition can be
generated. When this bit is set to “1,” this bus system is busy and the
occurrence of a START condition is disabled by the START condi-
tion duplication prevention function (Note).
This flag can be written by software only in the master transmission
mode. In the other modes, this bit is set to “1” by detecting a START
condition and set to “0” by detecting a STOP condition. When the
ESO bit of the I2C control register (address 00F916) is “0” and at
reset, the BB flag is kept in the “0” state.
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com