Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37274EFSP Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 92Page - Renesas Technology Corp M37274EFSP Datasheet HTML 93Page - Renesas Technology Corp M37274EFSP Datasheet HTML 94Page - Renesas Technology Corp M37274EFSP Datasheet HTML 95Page - Renesas Technology Corp M37274EFSP Datasheet HTML 96Page - Renesas Technology Corp M37274EFSP Datasheet HTML 97Page - Renesas Technology Corp M37274EFSP Datasheet HTML 98Page - Renesas Technology Corp M37274EFSP Datasheet HTML 99Page - Renesas Technology Corp M37274EFSP Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 148 page
background image
95
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
(13) Scan Mode
M37274EFSP has the bi-scan mode for corresponding to HSYNC of
double speed frequency. In the bi-scan mode, the vertical start dis-
play position and the vertical size is two times as compared with the
normal scan mode. The scan mode is selected by bit 1 of the OSD
control register (refer to Figure 64).
(14) Window Function
This function sets the top and bottom boundary of display limit on a
screen. The window function is valid only in the CC mode. The top
boundary is set by window H registers 1 and 2. The bottom bound-
ary is set by window L registers 1 and 2. This function is turned on
and off by bit 5 of the OSD control register (refer to Figure 64).
The window H registers 1 and 2 is shown in Figures 96 and 97, of
window L registers 1 and 2 is shown in Figures 98 and 99.
Notes 1: Set values except “0016” and “0116” to the window H regis-
ter 1 when the window H register 2 is “0016.”
2: Set the register value fit for the following condition :
(WH1 + WH2) < (WL1 + WL2)
Bit 1 of OSD control register
Vertical display start position
Vertical dot size
Table 18. Setting for Scan Mode
Normal Scan
0
Value of vertical position register ! 1H
1TC ! 1/2H
1TC ! 1H
2TC ! 2H
3TC ! 3H
Bi-Scan
1
Value of vertical position register ! 2H
1TC ! 1H
1TC ! 2H
2TC ! 4H
3TC ! 6H
Scan Mode
Parameter
Fig. 95. Example of Window Function
EXOSD mode
Window
FG H
I
J
CC mode
KL
M N O
CC mode
PQ R
S
T
CC mode
OSD mode
Bottom
boundary
of window
Top
boundary
of window
Screen
A BCD E
UV
W X
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com