Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37274EFSP Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 81Page - Renesas Technology Corp M37274EFSP Datasheet HTML 82Page - Renesas Technology Corp M37274EFSP Datasheet HTML 83Page - Renesas Technology Corp M37274EFSP Datasheet HTML 84Page - Renesas Technology Corp M37274EFSP Datasheet HTML 85Page - Renesas Technology Corp M37274EFSP Datasheet HTML 86Page - Renesas Technology Corp M37274EFSP Datasheet HTML 87Page - Renesas Technology Corp M37274EFSP Datasheet HTML 88Page - Renesas Technology Corp M37274EFSP Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 148 page
background image
84
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
Fig. 82. Structure of OSD RAM
Bit
RF0
RF1
RF2
RF3
RF4
RF5
RF6
RF7
RC10
RC11
RC12
RC13
RC14
RC15
RC16
RC17
RC20
RC21
RC22
RC23
Bit name
Character code
(Low-order 8 bits)
0
Control of
character color R
Control of
character color G
Control of
character color B
OUT1 control
Flash control
Underline control
Italic control
Control of background
color R
Control of background
color G
Control of background
color B
Not used
Function
Specification of
character code in
OSD ROM
0: Color signal output OFF
1: Color signal output ON
0: Character output
1: Background output
0: Flash OFF
1: Flash ON
0: Underline OFF
1: Underline ON
0: Italic OFF
1: Italic ON
0: Color signal output OFF
1: Color signal output ON
Bit name
Character code
(Low-order 8 bits)
0
Control of
character color R
Control of
character color G
Control of
character color B
OUT1 control
Not used
Control of background
color R
Control of background
color G
Control of background
color B
Not used
Function
Specification of
character code in
OSD ROM
0: Color signal output OFF
1: Color signal output ON
0: Character output
1: Background output
0: Color signal output OFF
1: Color signal output ON
Bit name
Character code
(Low-order 8 bits)
0
Character color code 0
(CC0)
Character color code 1
(CC1)
Character color code 2
(CC2)
OUT1 control
Extra code 0
(EX0)
Extra code 1
(EX1)
Extra code 2
(EX2)
Background color code 0
(BCC0)
Background color code 1
(BCC1)
Background color code 2
(BCC2)
Extra code 3
(EX3)
Function
Specification of
character code in
OSD ROM
Specification of
character color
0: Character output
1: Background output
Specification of
extra code in OSD
ROM
Specification of
background color
Specification of
extra code in OSD
ROM
CC mode
OSD mode
EXOSD mode
Notes 1: Read value of bits 4 to 7 of the color code 2 is undefined.
2: For “not used” bits, the write value is read.
3: Set “0” to RC10.
b0
RF6
RF5
RF4
RF3
RF2
RF1
RF0 RC17 RC16 RC15 RC14 RC13 RC12 RC11 RC10 RC23 RC22 RC21 RC20
RF7
b3
b0
b7
b0
b7
Blocks 1 to16
Character code
Color code 1
Color code 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com