Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7014 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 49Page - Renesas Technology Corp SH7014 Datasheet HTML 50Page - Renesas Technology Corp SH7014 Datasheet HTML 51Page - Renesas Technology Corp SH7014 Datasheet HTML 52Page - Renesas Technology Corp SH7014 Datasheet HTML 53Page - Renesas Technology Corp SH7014 Datasheet HTML 54Page - Renesas Technology Corp SH7014 Datasheet HTML 55Page - Renesas Technology Corp SH7014 Datasheet HTML 56Page - Renesas Technology Corp SH7014 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 754 page
background image
2. CPU
Rev.5.00 Sep. 27, 2007 Page 19 of 716
REJ09B0398-0500
Section 2 CPU
2.1
Register Configuration
The register set consists of sixteen 32-bit general registers, three 32-bit control registers and four
32-bit system registers.
2.1.1
General Registers (Rn)
The sixteen 32-bit general registers (Rn) are numbered R0 to R15. General registers are used for
data processing and address calculation. R0 is also used as an index register. Several instructions
have R0 fixed as their only usable register. R15 is used as the hardware stack pointer (SP). Saving
and recovering the status register (SR) and program counter (PC) in exception processing is
accomplished by referencing the stack using R15. Figure 2.1 shows the general registers.
R0*1
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
R15, SP (hardware stack pointer)*2
0
31
1.
2.
R0 functions as an index register in the indirect indexed register addressing
mode and indirect indexed GBR addressing mode. In some instructions, R0
functions as a fixed source register or destination register.
R15 functions as a hardware stack pointer (SP) during exception processing.
Notes:
Figure 2.1 General Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com