Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7014 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 93Page - Renesas Technology Corp SH7014 Datasheet HTML 94Page - Renesas Technology Corp SH7014 Datasheet HTML 95Page - Renesas Technology Corp SH7014 Datasheet HTML 96Page - Renesas Technology Corp SH7014 Datasheet HTML 97Page - Renesas Technology Corp SH7014 Datasheet HTML 98Page - Renesas Technology Corp SH7014 Datasheet HTML 99Page - Renesas Technology Corp SH7014 Datasheet HTML 100Page - Renesas Technology Corp SH7014 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 754 page
background image
5. Exception Processing
Rev.5.00 Sep. 27, 2007 Page 63 of 716
REJ09B0398-0500
5.2
Resets
5.2.1
Power-on Reset
When the
RES pin is driven low, the LSI does a power-on reset. To reliably reset the LSI, the RES
pin should be kept at low for at least the duration of the oscillation settling time when applying
power or when in standby mode (when the clock circuit is halted) or at least 20 t
cyc (when the
clock circuit is running). During power-on reset, CPU internal status and all registers of on-chip
peripheral modules are initialized. See Appendix B, Pin Status, for the status of individual pins
during the power-on reset status.
In the power-on reset status, power-on reset exception processing starts when the
RES pin is first
driven low for a set period of time and then returned to high. The CPU will then operate as
follows:
1. The initial value (execution start address) of the program counter (PC) is fetched from the
exception processing vector table.
2. The initial value of the stack pointer (SP) is fetched from the exception processing vector table.
3. The vector base register (VBR) is cleared to H'00000000 and the interrupt mask bits (I3 to I0)
of the status register (SR) are set to H'F (1111).
4. The values fetched from the exception processing vector table are set in the program counter
(PC) and SP and the program begins executing.
Be certain to always perform power-on reset processing when turning the system power on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com