Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7014 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 15Page - Renesas Technology Corp SH7014 Datasheet HTML 16Page - Renesas Technology Corp SH7014 Datasheet HTML 17Page - Renesas Technology Corp SH7014 Datasheet HTML 18Page - Renesas Technology Corp SH7014 Datasheet HTML 19Page - Renesas Technology Corp SH7014 Datasheet HTML 20Page - Renesas Technology Corp SH7014 Datasheet HTML 21Page - Renesas Technology Corp SH7014 Datasheet HTML 22Page - Renesas Technology Corp SH7014 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 754 page
background image
Rev.5.00 Sep. 27, 2007 Page xix of xxxiv
REJ09B0398-0500
Item
Page
Revision (See Manual for Details)
18.7.3 Erase Mode
517
Description added
When erasing flash memory, the erase/erase-verify flowchart
shown in figure 18.14 should be followed.
To perform data or program erasure, set the 1 bit flash memory
area to be erased in erase block register 1 (EBR1) at least 10
µs after setting the SWE bit to 1 in flash memory control
register 1 (FLMCR1).
18.8.2 Software
Protection
525
Description amended
Software protection can be implemented by setting the SWE bit
in FLMCR1, erase block register 1 (EBR1) and the RAMS bit in
the RAM emulation register (RAMER).
18.11.4 Auto-Program
Mode
538
Description amended
3. The lower 8 bits of the transfer address must be H'00, H'80.
If a value other than an effective address is input,
processing will switch to a memory write operation but a
write error will be flagged.
4. Memory address transfer is performed in the second cycle
(figure 18.24). Do not perform transfer after the third cycle.
18.11.6 Status Read
Mode
Table 18.19 Status
Read Mode Return
Commands
543
Note amended
Note:
I/O2 and I/O3 are undefined at present.
22.3.3 Bus Timing
Table 22.7 Bus Timing
567
Description amended and notes added
Conditions: V
CC = 5.0 V ± 10%, AVCC = 5.0 V ±10%, AVCC = VCC
±10%, V
SS = AVSS = 0 V, Ta = – 20 to +75°C
Notes: TPC is the set value of the TPC bit in DCR.
*
The delay time Min values are reference values
(typ).)
22.3.4 Direct Memory
Access Controller
Timing
Table 22.8 Direct
Memory Access
Controller Timing
579
Description amended
Conditions: V
CC = 5.0 V ± 10%, AVCC = 5.0 V ± 10%, AVCC = VCC
±10%, V
SS = AVSS = 0 V, Ta = – 20 to +75°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com