Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7014 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 55Page - Renesas Technology Corp SH7014 Datasheet HTML 56Page - Renesas Technology Corp SH7014 Datasheet HTML 57Page - Renesas Technology Corp SH7014 Datasheet HTML 58Page - Renesas Technology Corp SH7014 Datasheet HTML 59Page - Renesas Technology Corp SH7014 Datasheet HTML 60Page - Renesas Technology Corp SH7014 Datasheet HTML 61Page - Renesas Technology Corp SH7014 Datasheet HTML 62Page - Renesas Technology Corp SH7014 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 754 page
background image
2. CPU
Rev.5.00 Sep. 27, 2007 Page 25 of 716
REJ09B0398-0500
Table 2.5
Immediate Data Accessing
Classification
SH7014/16/17 CPU
Example of Conventional CPU
8-bit immediate
MOV
#H'12,R0
MOV.B
#H'12,R0
16-bit immediate
MOV.W
@(disp,PC),R0
.................
.DATA.W
H'1234
MOV.W
#H'1234,R0
32-bit immediate
MOV.L
@(disp,PC),R0
.................
.DATA.L
H'12345678
MOV.L
#H'12345678,R0
Note:
@(disp, PC) accesses the immediate data.
Absolute Address: When data is accessed by absolute address, the value already in the absolute
address is placed in the memory table. Loading the immediate data when the instruction is
executed transfers that value to the register and the data is accessed in the indirect register
addressing mode (table 2.6).
Table 2.6
Absolute Address Accessing
Classification
SH7014/16/17 CPU
Example of Conventional CPU
Absolute address
MOV.L
@(disp,PC),R1
MOV.B
@R1,R0
..................
.DATA.L
H'12345678
MOV.B
@H'12345678,R0
Note:
@(disp,PC) accesses the immediate data.
16-Bit/32-Bit Displacement: When data is accessed by 16-bit or 32-bit displacement, the pre-
existing displacement value is placed in the memory table. Loading the immediate data when the
instruction is executed transfers that value to the register and the data is accessed in the indirect
indexed register addressing mode (table 2.7).
Table 2.7
Displacement Accessing
Classification
SH7014/16/17 CPU
Example of Conventional CPU
16-bit displacement
MOV.W
@(disp,PC),R0
MOV.W
@(R0,R1),R2
..................
.DATA.W
H'1234
MOV.W
@(H'1234,R1),R2
Note:
@(disp,PC) accesses the immediate data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com