Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7014 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 7Page - Renesas Technology Corp SH7014 Datasheet HTML 8Page - Renesas Technology Corp SH7014 Datasheet HTML 9Page - Renesas Technology Corp SH7014 Datasheet HTML 10Page - Renesas Technology Corp SH7014 Datasheet HTML 11Page - Renesas Technology Corp SH7014 Datasheet HTML 12Page - Renesas Technology Corp SH7014 Datasheet HTML 13Page - Renesas Technology Corp SH7014 Datasheet HTML 14Page - Renesas Technology Corp SH7014 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 754 page
background image
Rev.5.00 Sep. 27, 2007 Page xi of xxxiv
REJ09B0398-0500
Item
Page
Revision (See Manual for Details)
10.4.4 Buffer Operation
Buffer Operation
Examples
⎯when TGR
Is an Input Capture
Register
237
Description amended
Figure 10.20 shows an example of TGRA set as an input
capture register with the TGRA and TGRC registers set for
buffer operation.
Figure 10.20 Buffer
Operation Example
(Input Capture Register)
238
Figure amended
TIOC0A
10.4.6 PWM Mode
240
Description amended
A period can be set for a register by using the TGR compare-
match as a counter clear source. All
channels can be
independently set to PWM mode. Synchronous operation is
also possible.
10.4.7 Phase Counting
Mode
Phase Counting Mode
Application Example:
250
Description amended
The channel 1 TGR1A and TGR1B registers are set for the
input capture function, the channel 0 TGR0A and TGR0C
register compare-match is used as an input capture source,
and all of the control period increment and decrement values
are stored. This procedure enables the accurate detection of
position and speed.
10.6.1 Input/Output
Timing
Output Compare Output
Timing:
254
Description amended
The compare-match signal is generated at the final state of
TCNT and TGR matching. When a compare-match signal is
issued, the output value set in TIOR
is output to the output
compare output pin (the TIOC pin). After TCNT and TGR
matching, a compare-match signal is not issued until
immediately before the TCNT input clock.
10.7.10 TCNT2 Write
and Overflow/Underflow
Contention in Cascade
Connection
269
Description amended
With timer counters TCNT1 and TCNT2 in a cascade
connection, when a contention occurs during TCNT1 count
(during a TCNT2 overflow/underflow) in the T
2 state of the
TCNT2 write cycle, the write to TCNT2 is conducted, and the
TCNT1 count signal is prohibited. At this point, if there is match
with TGR1A
and the TCNT1 value, a compare signal is
issued. Furthermore, when the TCNT1 count clock is selected
as the input capture source of channel 0, TGRA0 to TGRD0
carry out the input capture operation. In addition, when the
compare match/input capture is selected as the input capture
source of TGRB1, TGRB1 carries out input capture operation.
The timing is shown in figure 10.57.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com