Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7014 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 81Page - Renesas Technology Corp SH7014 Datasheet HTML 82Page - Renesas Technology Corp SH7014 Datasheet HTML 83Page - Renesas Technology Corp SH7014 Datasheet HTML 84Page - Renesas Technology Corp SH7014 Datasheet HTML 85Page - Renesas Technology Corp SH7014 Datasheet HTML 86Page - Renesas Technology Corp SH7014 Datasheet HTML 87Page - Renesas Technology Corp SH7014 Datasheet HTML 88Page - Renesas Technology Corp SH7014 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 754 page
background image
3. Operating Modes
Rev.5.00 Sep. 27, 2007 Page 51 of 716
REJ09B0398-0500
Section 3 Operating Modes
3.1
Operating Modes, Types, and Selection
This LSI has five operating modes and three clock modes, determined by the setting of the mode
pins (MD3 to MD0). Do not change the mode pin settings during LSI operation (while power is
on).
Table 3.1 indicates the setting method for the operating mode.
Table 3.1
Operating Mode Setting
Pin Setting
Mode
No.
FWP MD3*
1
MD2*
1
MD1
MD0 Mode Name
On-Chip
ROM
CS0 Area
0
1
x
x
0
0
MCU mode 0
Not Active
8-bit space
1
1
x
x
0
1
MCU mode 1
Not Active
16-bit space
2*
4
1
x
x
1
0
MCU mode 2
Active
8/16-bit space*
2
3*
4
1
x
x
1
1
Single chip mode
Active
⎯
0
x
x
0
0
Boot mode*
3
Active
8/16-bit space*
2
0
x
x
0
1
⎯
0
x
x
1
0
Active
8/16-bit space*
2
0
x
x
1
1
User programming
mode*
3
⎯
1
1
1
0
1
Flash programmer
mode*
3
Active
⎯
Notes: 1. MD2 and MD3 pins select the clock mode in modes 0 to 3 (table 3.2).
2. Set by BCR1 of BSC.
3. Only F-ZTAT.
4. Only SH7016, SH7017.
Table 3.2 indicates the setting method for the clock mode.
Table 3.2
Clock Mode Setting
MD3
MD2
Clock Mode
0
0
PLL ON
× 1
0
1
PLL ON
× 2
1
0
PLL ON
× 4
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com