Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7014 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 60Page - Renesas Technology Corp SH7014 Datasheet HTML 61Page - Renesas Technology Corp SH7014 Datasheet HTML 62Page - Renesas Technology Corp SH7014 Datasheet HTML 63Page - Renesas Technology Corp SH7014 Datasheet HTML 64Page - Renesas Technology Corp SH7014 Datasheet HTML 65Page - Renesas Technology Corp SH7014 Datasheet HTML 66Page - Renesas Technology Corp SH7014 Datasheet HTML 67Page - Renesas Technology Corp SH7014 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 754 page
background image
2. CPU
Rev.5.00 Sep. 27, 2007 Page 30 of 716
REJ09B0398-0500
2.3.3
Instruction Format
Table 2.9 lists the instruction formats for the source operand and the destination operand. The
meaning of the operand depends on the instruction code. The symbols are used as follows:
• xxxx: Instruction code
• mmmm: Source register
• nnnn: Destination register
• iiii: Immediate data
• dddd: Displacement
Table 2.9
Instruction Formats
Instruction Formats
Source
Operand
Destination
Operand
Example
0 format
xxxx
xxxx
xxxx
xxxx
15
0
⎯
⎯
NOP
⎯
nnnn: Direct
register
MOVT
Rn
n format
xxxx
xxxx
xxxx
nnnn
15
0
Control register
or system
register
nnnn: Direct
register
STS
MACH,Rn
Control register
or system
register
nnnn: Indirect pre-
decrement register
STC.L
SR,@-Rn
mmmm: Direct
register
Control register or
system register
LDC
Rm,SR
m format
xxxx
mmmm
xxxx
xxxx
15
0
mmmm: Indirect
post-increment
register
Control register or
system register
LDC.L
@Rm+,SR
mmmm: Direct
register
⎯
JMP
@Rm
mmmm: PC
relative using Rm
⎯
BRAF
Rm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com