Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7014 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 76Page - Renesas Technology Corp SH7014 Datasheet HTML 77Page - Renesas Technology Corp SH7014 Datasheet HTML 78Page - Renesas Technology Corp SH7014 Datasheet HTML 79Page - Renesas Technology Corp SH7014 Datasheet HTML 80Page - Renesas Technology Corp SH7014 Datasheet HTML 81Page - Renesas Technology Corp SH7014 Datasheet HTML 82Page - Renesas Technology Corp SH7014 Datasheet HTML 83Page - Renesas Technology Corp SH7014 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 754 page
background image
2. CPU
Rev.5.00 Sep. 27, 2007 Page 46 of 716
REJ09B0398-0500
Instruction
Instruction Code
Operation
Exec.
Cycles
T Bit
STS.L
MACH,@–Rn
0100nnnn00000010
Rn
− 4 → Rn, MACH → (Rn)
1
⎯
STS.L
MACL,@–Rn
0100nnnn00010010
Rn
− 4 → Rn, MACL → (Rn)
1
⎯
STS.L
PR,@–Rn
0100nnnn00100010
Rn
− 4 → Rn, PR → (Rn)
1
⎯
TRAPA
#imm
11000011iiiiiiii
PC/SR
→ stack area, (imm)
→ PC
8
⎯
Note:
The number of execution cycles before the chip enters sleep mode: The execution cycles
shown in the table are minimums. The actual number of cycles may be increased when (1)
contention occurs between instruction fetches and data access, or (2) when the destination
register of the load instruction (memory
→ register) and the register used by the next
instruction are the same.
2.5
Processing States
2.5.1
State Transitions
The CPU has four processing states: reset, exception processing, program execution and power-
down. Figure 2.6 shows the transitions between the states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com