Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7014 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 94Page - Renesas Technology Corp SH7014 Datasheet HTML 95Page - Renesas Technology Corp SH7014 Datasheet HTML 96Page - Renesas Technology Corp SH7014 Datasheet HTML 97Page - Renesas Technology Corp SH7014 Datasheet HTML 98Page - Renesas Technology Corp SH7014 Datasheet HTML 99Page - Renesas Technology Corp SH7014 Datasheet HTML 100Page - Renesas Technology Corp SH7014 Datasheet HTML 101Page - Renesas Technology Corp SH7014 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 754 page
background image
5. Exception Processing
Rev.5.00 Sep. 27, 2007 Page 64 of 716
REJ09B0398-0500
5.3
Address Errors
5.3.1
Address Error Sources
Address errors occur when instructions are fetched or data read or written, as shown in table 5.5.
Table 5.5
Bus Cycles and Address Errors
Bus Cycle
Type
Bus
Master
Bus Cycle Description
Address Errors
CPU
Instruction fetched from even address
None (normal)
Instruction
fetch
Instruction fetched from odd address
Address error occurs
Instruction fetched from other than on-chip peripheral
module space*
None (normal)
Instruction fetched from on-chip peripheral module
space*
Address error occurs
Instruction fetched from external memory space when
in single chip mode
Address error occurs
Word data accessed from even address
None (normal)
Data
read/write
CPU or
DMAC
Word data accessed from odd address
Address error occurs
Longword data accessed from a longword boundary
None (normal)
Longword data accessed from other than a long-word
boundary
Address error occurs
Byte or word data accessed in on-chip peripheral
module space*
None (normal)
Longword data accessed in 16-bit on-chip peripheral
module space*
None (normal)
Longword data accessed in 8-bit on-chip peripheral
module space*
Address error occurs
External memory space accessed in single-chip mode
Address error occurs
Note:
*
See section 8, Bus State Controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com