Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7014 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 66Page - Renesas Technology Corp SH7014 Datasheet HTML 67Page - Renesas Technology Corp SH7014 Datasheet HTML 68Page - Renesas Technology Corp SH7014 Datasheet HTML 69Page - Renesas Technology Corp SH7014 Datasheet HTML 70Page - Renesas Technology Corp SH7014 Datasheet HTML 71Page - Renesas Technology Corp SH7014 Datasheet HTML 72Page - Renesas Technology Corp SH7014 Datasheet HTML 73Page - Renesas Technology Corp SH7014 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 754 page
background image
2. CPU
Rev.5.00 Sep. 27, 2007 Page 36 of 716
REJ09B0398-0500
Table 2.11
Instruction Code Format
Item
Format
Explanation
Instruction
OP.Sz SRC,DEST
OP: Operation code
Sz: Size (B: byte, W: word, or L: longword)
SRC: Source
DEST: Destination
Rm: Source register
Rn: Destination register
imm: Immediate data
disp: Displacement*1
Instruction
code
MSB
↔ LSB
mmmm: Source register
nnnn: Destination register
0000: R0
0001: R1
.
.
.
1111: R15
iiii: Immediate data
dddd: Displacement
Operation
→, ←
Direction of transfer
(xx)
Memory operand
M/Q/T
Flag bits in the SR
&
Logical AND of each bit
|
Logical OR of each bit
^
Exclusive OR of each bit
~
Logical NOT of each bit
<<n
n-bit left shift
>>n
n-bit right shift
Execution
cycles
⎯
Value when no wait states are inserted*2
T bit
⎯
Value of T bit after instruction is executed. An em-dash (
⎯)
in the column means no change.
Notes: 1. Depending on the operand size, displacement is scaled
×1, ×2, or ×4. For details, see
the SH-1/SH-2/SH-DSP Software Manual.
2. Instruction execution cycles: The execution cycles shown in the table are minimums.
The actual number of cycles may be increased when (1) contention occurs between
instruction fetches and data access, or (2) when the destination register of the load
instruction (memory
→ register) and the register used by the next instruction are the
same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com