Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7014 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 12Page - Renesas Technology Corp SH7014 Datasheet HTML 13Page - Renesas Technology Corp SH7014 Datasheet HTML 14Page - Renesas Technology Corp SH7014 Datasheet HTML 15Page - Renesas Technology Corp SH7014 Datasheet HTML 16Page - Renesas Technology Corp SH7014 Datasheet HTML 17Page - Renesas Technology Corp SH7014 Datasheet HTML 18Page - Renesas Technology Corp SH7014 Datasheet HTML 19Page - Renesas Technology Corp SH7014 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 754 page
background image
Rev.5.00 Sep. 27, 2007 Page xvi of xxxiv
REJ09B0398-0500
Item
Page
Revision (See Manual for Details)
15.4.3 Compare Match
Flag Clear Timing
428
Description amended
The CMF bit of the CMCSR register is cleared either by writing
a 0 to it after reading a 1
. Figure 15.5 shows the timing
when the CMF bit is cleared by the CPU.
16.3.2 Port A Control
Registers L1, L2
(PACRL1 and PACRL2)
446
Description amended
PACRL1 is initialized by external power-on reset to H'4000 in
extended mode, and to H'0000 in single chip mode. PACRL2 is
initialized by external power-on reset to H'0000. Neither register
is initialized by reset by WDT, standby mode, or sleep mode, so
the previous data is maintained.
Description amended
Bit 14
PA15MD Description
0
General input/output (PA15)
(single chip mode initial value)
Port A Control Register
L1 (PACRL1):
Bit 14—PA15 Mode
(PA15MD):
447
1
Clock output (CK)
(extended mode initial value)
16.3.3 Port B I/O
Register (PBIOR)
452
Description amended
The port B I/O register L (PBIOR) is a 16-bit read/write register
that selects input or output for the ten pins of port B (eight pins
in the SH7014). Bits PB9IOR to PB0IOR correspond to the
PB9/
IRQ7/A21 pin to PB0/A16 pin. PBIOR is enabled when the
port B pins function as input/outputs (PB9 to PB0). For other
functions, it is disabled.
17.2.2 Port A Data
Register L (PADRL)
477
Description amended
PADRL is initialized by an external power-on reset. However,
PADRL is not initialized for a
reset by WDT, standby mode,
or sleep mode.
17.3.2 Port B Data
Register (PBDR)
479
Description amended
PBDR is initialized by an external power-on reset. However,
PBDR is not initialized for a
reset by WDT, standby mode,
or sleep mode.
17.4.2 Port C Data
Register (PCDR)
481
Description amended
PCDR is initialized by an external power-on reset. However,
PCDR is not initialized for a
reset by WDT, standby mode,
or sleep mode.
17.5.2 Port D Data
Register L (PDDRL)
483
Description amended
PDDRL is initialized by an external power-on reset. However,
PDDRL is not initialized for a
reset by WDT, standby mode,
or sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com