Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7014 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 95Page - Renesas Technology Corp SH7014 Datasheet HTML 96Page - Renesas Technology Corp SH7014 Datasheet HTML 97Page - Renesas Technology Corp SH7014 Datasheet HTML 98Page - Renesas Technology Corp SH7014 Datasheet HTML 99Page - Renesas Technology Corp SH7014 Datasheet HTML 100Page - Renesas Technology Corp SH7014 Datasheet HTML 101Page - Renesas Technology Corp SH7014 Datasheet HTML 102Page - Renesas Technology Corp SH7014 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 754 page
background image
5. Exception Processing
Rev.5.00 Sep. 27, 2007 Page 65 of 716
REJ09B0398-0500
5.3.2
Address Error Exception Processing
When an address error occurs, the bus cycle in which the address error occurred ends. When the
executing instruction then finishes, address error exception processing starts up. The CPU operates
as follows:
1. The status register (SR) is saved to the stack.
2. The program counter (PC) is saved to the stack. The PC value saved is the start address of the
instruction to be executed after the last executed instruction.
3. The exception service routine start address is fetched from the exception processing vector
table that corresponds to the address error that occurred and the program starts executing from
that address. The jump that occurs is not a delayed branch.
5.4
Interrupts
5.4.1
Interrupt Sources
Table 5.6 shows the sources that start up interrupt exception processing. These are divided into
NMI, IRQ and on-chip peripheral modules.
Table 5.6
Interrupt Sources
Type
Request Source
Number of Sources
NMI
NMI pin (external input)
1
IRQ
IRQ0 to IRQ3, IRQ6, IRQ7 (external input)
6
On-chip peripheral module
Direct memory access controller (DMAC)
2
Multifunction timer pulse unit (MTU)
13
Serial communication interface (SCI)
8
A/D converter
1
Compare match timer (CMT)
2
Watchdog timer (WDT)
1
Bus state controller (BSC)
1
Each interrupt source is allocated a different vector number and vector table offset. See section 6,
Interrupt Controller, and table 6.3, Interrupt Exception Processing Vectors and Priorities, for more
information on vector numbers and vector table address offsets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com