Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7014 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 99Page - Renesas Technology Corp SH7014 Datasheet HTML 100Page - Renesas Technology Corp SH7014 Datasheet HTML 101Page - Renesas Technology Corp SH7014 Datasheet HTML 102Page - Renesas Technology Corp SH7014 Datasheet HTML 103Page - Renesas Technology Corp SH7014 Datasheet HTML 104Page - Renesas Technology Corp SH7014 Datasheet HTML 105Page - Renesas Technology Corp SH7014 Datasheet HTML 106Page - Renesas Technology Corp SH7014 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 754 page
background image
5. Exception Processing
Rev.5.00 Sep. 27, 2007 Page 69 of 716
REJ09B0398-0500
5.6
When Exception Sources Are Not Accepted
When an address error or interrupt is generated after a delayed branch instruction or interrupt-
disabled instruction, it is sometimes not accepted immediately but stored instead, as shown in
table 5.9. When this happens, it will be accepted when an instruction that can accept the exception
is decoded.
Table 5.9
Generation of Exception Sources Immediately after a Delayed Branch
Instruction or Interrupt-Disabled Instruction
Exception Source
Point of Occurrence
Address Error
Interrupt
Immediately after a delayed branch instruction*1
Not accepted
Not accepted
Immediately after an interrupt-disabled instruction*2
Accepted
Not accepted
Notes: 1. Delayed branch instructions: JMP, JSR, BRA, BSR, RTS, RTE, BF/S, BT/S, BSRF,
BRAF
2. Interrupt-disabled instructions: LDC, LDC.L, STC, STC.L, LDS, LDS.L, STS, STS.L
5.6.1
Immediately after a Delayed Branch Instruction
When an instruction placed immediately after a delayed branch instruction (delay slot) is decoded,
neither address errors nor interrupts are accepted. The delayed branch instruction and the
instruction located immediately after it (delay slot) are always executed consecutively, so no
exception processing occurs during this period.
5.6.2
Immediately after an Interrupt-Disabled Instruction
When an instruction immediately following an interrupt-disabled instruction is decoded, interrupts
are not accepted. Address errors are accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com