Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7014 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 11Page - Renesas Technology Corp SH7014 Datasheet HTML 12Page - Renesas Technology Corp SH7014 Datasheet HTML 13Page - Renesas Technology Corp SH7014 Datasheet HTML 14Page - Renesas Technology Corp SH7014 Datasheet HTML 15Page - Renesas Technology Corp SH7014 Datasheet HTML 16Page - Renesas Technology Corp SH7014 Datasheet HTML 17Page - Renesas Technology Corp SH7014 Datasheet HTML 18Page - Renesas Technology Corp SH7014 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 754 page
background image
Rev.5.00 Sep. 27, 2007 Page xv of xxxiv
REJ09B0398-0500
Item
Page
Revision (See Manual for Details)
13.4.8 A/D Conversion
Time
Table 13.7 A/D
Conversion Times
392
Note 2 amended
2. Table entries are for when PWR = 1. If 200 states have not
elapsed since the ADST bit has been set, no conversions
are done until after those 200 states have occurred.
When PWR = 0, add 200 states to the first A/D conversion
start delay time. When two or more conversions are
performed in succession, tcp is 20 cycles when CKS = 0,
and 40 cycles when CKS = 1.
Table 13.8 Operating
Frequency and CKS Bit
Settings
Note added
Note:
The indication "
⎯" means the setting is not available.
13.6.5 A/D Conversion
Termination
(HD6417014R only)
394
Title amended
14.1.3 Pin
Configuration
399
Description amended
The eight analog input pins are divided into two groups, with
analog input pins 0 to 3 (AN0 to AN3) comprising group 0, and
analog input pins 4 to 7 (AN4 to AN7) comprising group 1.
The AV
CC and AVSS pins are for the mid-speed speed A/D
converter internal analog section power supply.
14.2.1 A/D Data
Register A to D (ADDRA
to ADDRD)
401
Description amended
A/D registers are special registers that read stored results of
A/D conversion in 16 bits. There are four registers: ADDRA to
ADDRD.
14.4.2 Scan Mode
(SCAN = 1)
409
Description amended
An example of operation in scan mode when three channels of
group 0 (AN0 to AN2) are selected for A/D conversion is shown
in figure 14.4.
1. Set the operation mode to scan mode (SCAN = 1), set the
scan group to group 0 (CH2 = 0), set the analog channels to
AN0 to AN2 (CH1 = 1, CH0 = 0), and then start A/D
conversion (ADST = 1).
14.5 Interrupt
414
Description amended
The mid-speed A/D converter's interrupt source is summarized
in table 14.5.
When the DMAC are activated by an ADI interrupt, the ADF flag
of ADCSR is cleared to 0 by register access of A/D.
15.4.1 Interrupt
Sources
427
Title amended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com