Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7014 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 120Page - Renesas Technology Corp SH7014 Datasheet HTML 121Page - Renesas Technology Corp SH7014 Datasheet HTML 122Page - Renesas Technology Corp SH7014 Datasheet HTML 123Page - Renesas Technology Corp SH7014 Datasheet HTML 124Page - Renesas Technology Corp SH7014 Datasheet HTML 125Page - Renesas Technology Corp SH7014 Datasheet HTML 126Page - Renesas Technology Corp SH7014 Datasheet HTML 127Page - Renesas Technology Corp SH7014 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 754 page
background image
6. Interrupt Controller (INTC)
Rev.5.00 Sep. 27, 2007 Page 90 of 716
REJ09B0398-0500
6.6
Data Transfer with Interrupt Request Signals
The following data transfers can be done using interrupt request signals:
• Activate DMAC only, without generating CPU interrupt
Among interrupt sources, those designated as DMAC activating sources are masked and not input
to the INTC. The masking condition is listed below:
Mask condition = DME
× (DE0 × source selection 0 + DE1)
Figure 6.6 shows a control block diagram.
Interrupt source
Interrupt source
flag clear
(by DMAC)
Interrupt source
(those not designated as DMAC activating sources)
CPU interrupt request
DMAC
Figure 6.6 Interrupt Control Block Diagram
6.6.1
Handling DMAC Activating Sources but Not CPU Interrupt Sources
1. Select the DMAC as a source and set the DME bit to 1. CPU interrupt sources and DTC
activating sources are masked regardless of the interrupt priority level register settings or DTC
register settings.
2. Activating sources are applied to the DMAC when interrupts occur.
3. The DMAC clears activating sources at the time of data transfer.
6.6.2
Treating CPU Interrupt Sources but Not DMAC Activating Sources
1. Either do not select the DMAC as a source, or clear the DME bit to 0.
2. When interrupts occur, interrupt requests are sent to the CPU.
3. The CPU clears the interrupt source and performs the necessary processing in the interrupt
processing routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com