Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 171 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 171 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 167Page - Renesas Technology Corp R8C/15 Datasheet HTML 168Page - Renesas Technology Corp R8C/15 Datasheet HTML 169Page - Renesas Technology Corp R8C/15 Datasheet HTML 170Page - Renesas Technology Corp R8C/15 Datasheet HTML 171Page - Renesas Technology Corp R8C/15 Datasheet HTML 172Page - Renesas Technology Corp R8C/15 Datasheet HTML 173Page - Renesas Technology Corp R8C/15 Datasheet HTML 174Page - Renesas Technology Corp R8C/15 Datasheet HTML 175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 277 page
background image
R8C/14 Group, R8C/15 Group
15. Clock Synchronous Serial I/O with Chip Select (SSU)
Rev.2.10
Jan 19, 2006
Page 159 of 253
REJ09B0164-0210
15.5.4
Data Transmit/Receive
Data transmit/receive is a combined operation of data transmit and receive which are described
before. Transmit/receive is started by writing data in the SSTDR register.
When the 8th clock rises or the ORER bit is set to “1” (overrun error occurs) while the TDRE bit is set
to “1” (data is transferred from the SSTDR to SSTRSR registers), the transmit/receive operation is
stopped.
When switching from transmit mode (TE=1) or receive mode (RE=1) to transmit/receive mode
(Te=RE=1), set the TE bit to “0” and RE bit to “0” before switching. After confirming that the TEND bit
is set to “0” (the TDRE bit is set to “0” when the last bit of the transmit data is transmitted), the RERF
bit is set to “0” (no data in the SSRDR register) and the ORER bit is set to “0” (no overrun error), set
the TE and RE bits to “1”.
When setting the microcomputer to the slave device, ensure the TEND bit is set to “1” (data transmit
ends) and write the following transmit data to the SSTDR register. When setting the microcomputer to
the master device, continuous transmit is enabled.
Figure 15.16 shows a Sample Flowchart for Data Transmit/Receive (Clock Synchronous
Communication Mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com