Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 170Page - Renesas Technology Corp R8C/15 Datasheet HTML 171Page - Renesas Technology Corp R8C/15 Datasheet HTML 172Page - Renesas Technology Corp R8C/15 Datasheet HTML 173Page - Renesas Technology Corp R8C/15 Datasheet HTML 174Page - Renesas Technology Corp R8C/15 Datasheet HTML 175Page - Renesas Technology Corp R8C/15 Datasheet HTML 176Page - Renesas Technology Corp R8C/15 Datasheet HTML 177Page - Renesas Technology Corp R8C/15 Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 277 page
background image
R8C/14 Group, R8C/15 Group
15. Clock Synchronous Serial I/O with Chip Select (SSU)
Rev.2.10
Jan 19, 2006
Page 162 of 253
REJ09B0164-0210
Figure 15.17
Initialization in 4-Wire Bus Communication Mode
Start
SSMR2 register
SSUMS bit
← 1
SSCRH register
Set CKS0 to CKS2 bits
SSSR register
ORER bit
← 0(1)
SSER register
RE bit
← 1 (when receive)
TE bit
← 1 (when transmit)
Set RIE, TEIE and TIE bits
End
SSER register
RE bit
← 0
TE bit
← 0
SSCRH register
Set RSSTP bit
(2) Set the BIDE bit to “1” in bidirectional mode and
the I/O of the #SCS pin is set by the CSSO to
CSS1 bits.
(1)
(1) The MLS bit is set to “0” for the MSB-first
transfer. The clock polarity and phase are set by
the CPHS and CPOS bits.
(2)
NOTES:
1. Write “0” after reading “1” to set the ORER bit to “0”.
SSMR2 register
SCKS bit
← 1
Set SOOS, CSS to
CSS1 and BIDE bits
SSCRH register
Set MSS bit
SSMR register
Set CPHS and CPOS bits
MLS bits
← 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com