Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 172 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 172 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 168Page - Renesas Technology Corp R8C/15 Datasheet HTML 169Page - Renesas Technology Corp R8C/15 Datasheet HTML 170Page - Renesas Technology Corp R8C/15 Datasheet HTML 171Page - Renesas Technology Corp R8C/15 Datasheet HTML 172Page - Renesas Technology Corp R8C/15 Datasheet HTML 173Page - Renesas Technology Corp R8C/15 Datasheet HTML 174Page - Renesas Technology Corp R8C/15 Datasheet HTML 175Page - Renesas Technology Corp R8C/15 Datasheet HTML 176Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 277 page
background image
R8C/14 Group, R8C/15 Group
15. Clock Synchronous Serial I/O with Chip Select (SSU)
Rev.2.10
Jan 19, 2006
Page 160 of 253
REJ09B0164-0210
Figure 15.16
Sample Flowchart for Data Transmit/Receive (Clock Synchronous Communication
Mode)
Start
Initialization
Read TDRE bit in SSSR register
SSSR register
TEND bit
← 0(1)
End
TDRE=1 ?
Write transmit data to SSTDR register
Data transmit
continued?
No
Yes
Yes
No
SSER register
RE bit
← 0
TE bit
← 0
(1)
(2)
(3)
(1) After reading the SSSR register and confirming
that the TDRE bit is set to “1”, write the transmit
data in the SSTDR register. When writing the
transmit data to the SSTDR register, the TDRE bit
is automatically set to “0”.
(5) Set the TEND bit to “0” and the RE and TE bits in
(6) the SSER register to “0” before ending transmit/
receive mode.
Read receive data in SSRDR register
Read RDRF bit in SSSR register
RDRF=1 ?
No
Yes
(4)
(2) Confirm that the RDRF bit is set to “1”. If the
RDRF bit is set to “1”, read the receive data in the
SSRDR register. When reading the SSRDR
register, the RDRF bit is automatically set to “0”.
(3) Determine whether the transmit data is continued.
(5)
NOTES:
1. Write “0” after reading “1” to set the TEND bit to “0”.
Read TEND bit in SSSR register
TEND=1 ?
Yes
No
(6)
(4) When the data transmit is completed, the TEND
bit in the SSSR register is set to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com