Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 171Page - Renesas Technology Corp R8C/15 Datasheet HTML 172Page - Renesas Technology Corp R8C/15 Datasheet HTML 173Page - Renesas Technology Corp R8C/15 Datasheet HTML 174Page - Renesas Technology Corp R8C/15 Datasheet HTML 175Page - Renesas Technology Corp R8C/15 Datasheet HTML 176Page - Renesas Technology Corp R8C/15 Datasheet HTML 177Page - Renesas Technology Corp R8C/15 Datasheet HTML 178Page - Renesas Technology Corp R8C/15 Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 277 page
background image
R8C/14 Group, R8C/15 Group
15. Clock Synchronous Serial I/O with Chip Select (SSU)
Rev.2.10
Jan 19, 2006
Page 163 of 253
REJ09B0164-0210
15.6.2
Data Transmit
Figure 15.18 shows an Example of Operation in Data Transmit (4-Wire Bus Communication Mode).
During the data transmit, the SSU operates as described below.
When the SSU is set as a master device, it outputs a synchronous clock and data. When the UUSA is
set as a slave device, it outputs data in synchronized with the input clock while “L” applies to the SCS
pin.
When writing the transmit data to the SSTDR register after setting the TE bit to “1” (enables transmit),
the TDRE bit is automatically set to “0” (data is not transferred from the SSTDR to SSTRSR registers)
and the data is transferred from the SSTDR to SSTRSR registers. After the TDRE bit is set to “1”
(data is transferred from the SSTDR to SSTRSR registers), a transmit is started. When the TIE bit in
the SSER register is set to “1”, the TXI interrupt request is generated.
When the 1-frame data is transferred while the TDRE bit is set to “0”, the data is transferred from the
SSTDR to SSTRSR registers and the next frame transmit is started. If the 8th bit is transmitted while
the TDRE is set to “1”, the TEND in the SSSR register is set to “1” (when the last bit of the transmit
data is transmitted, the TDRE bit is set to “1”) and the state is retained. If the TEIE bit in the SSER
register is set to “1” (enables transmit-end interrupt request), the TEI interrupt request is generated.
The SSCK pin is retained “H” after transmit-end and the SCS pin is held “H”. When the SCS pin is
transmitted When transmitting continuously while the SCS pin is held “L”, write the next transmit data
to the SSTDR register before transmitting the 8th bit.
Transmit can not be performed while the ORER bit in the SSSR register is set to “1” (overrun error
occurs). Confirm that the ORER bit is set to “0” before transmit.
When setting the microcomputer to the slave device, ensure the TEND bit is set to “1” (data transmit
ends) and write the following transmit data to the SSTDR register. When setting the microcomputer to
the master device, continuous transmit is enabled.
The difference from the clock synchronous communication mode is that the SSO pin is placed in
high-impedance state while the SCS pin is placed in high-impedance state when operating as a
master device and the SSI pin is placed in high-impedance state while the SCS pin is placed in “H”
input state when operating as a slave device.
A sample flowchart is the same as the clock synchronous communication mode (Refer to Figure
15.13 Sample Flowchart for Data Transmit (Clock Synchronous Communication Mode)
).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com