Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 336 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 332Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 333Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 334Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 335Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 336Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 337Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 338Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 339Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 387 page
background image
3-46
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.4 Countermeasures against noise
3.4.3 Wiring to analog input pins
• Connect an approximately 100
Ω to 1 kΩ resistor to an analog signal line which is connected to an analog
input pin in series. Besides, connect the resistor to the microcomputer as close as possible.
• Connect an approximately 1000 pF capacitor across the VSS pin and the analog input pin. Besides,
connect the capacitor to the VSS pin as close as possible. Also, connect the capacitor across the analog
input pin and the VSS pin at equal length.
q Reason
Signals which is input in an analog input pin (such as an A/D converter/comparator input pin) are
usually output signals from sensor. The sensor which detects a change of event is installed far
from the printed circuit board with a microcomputer, the wiring to an analog input pin is longer
necessarily. This long wiring functions as an antenna which feeds noise into the microcomputer,
which causes noise to an analog input pin.
If a capacitor between an analog input pin and the VSS pin is grounded at a position far away from
the VSS pin, noise on the GND line may enter a microcomputer through the capacitor.
Fig. 3.4.5 Analog signal line and a resistor and a capacitor
Analog
input pin
VSS
Noise
Thermistor
Microcomputer
N.G.
O.K.
(Note)
Note : The resistor is used for dividing
resistance with a thermistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com