Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 333 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 333 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 329Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 330Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 331Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 332Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 333Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 334Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 335Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 336Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 337Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 387 page
background image
3-43
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.4 Countermeasures against noise
Fig. 3.4.1 Wiring for the RESET pin
3.4 Countermeasures against noise
Countermeasures against noise are described below. The following countermeasures are effective against
noise in theory, however, it is necessary not only to take measures as follows but to evaluate before actual use.
3.4.1 Shortest wiring length
The wiring on a printed circuit board can function as an antenna which feeds noise into the microcomputer.
The shorter the total wiring length (by mm unit), the less the possibility of noise insertion into a microcomputer.
(1)
Wiring for RESET pin
Make the length of wiring which is connected to the RESET pin as short as possible. Especially,
connect a capacitor across the RESET pin and the VSS pin with the shortest possible wiring (within
20 mm).
q Reason
The width of a pulse input into the RESET pin is determined by the timing necessary conditions.
If noise having a shorter pulse width than the standard is input to the RESET pin, the reset is
released before the internal state of the microcomputer is completely initialized. This may cause
a program runaway.
RESET
Reset
circuit
Noise
VSS
VSS
Reset
circuit
VSS
RESET
VSS
N.G.
O.K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com