Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 331 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 331 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 327Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 328Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 329Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 330Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 331Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 332Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 333Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 334Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 335Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 387 page
background image
3-41
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.3 Notes on use
➁ How to reference the processor status register
To reference the contents of the processor status register (PS), execute the PHP instruction once
then read the contents of (S+1). If necessary, execute the PLP instruction to return the PS to its
original status.
A NOP instruction should be executed after every PLP instruction.
Fig. 3.3.7 Stack memory contents after PHP
instruction execution
Fig. 3.3.6 Sequence of PLP instruction execution
PLP instruction execution
↓
NOP
(2)
BRK instruction
➀ Interrupt priority level
When the BRK instruction is executed with the following conditions satisfied, the interrupt execution
is started from the address of interrupt vector which has the highest priority.
• Interrupt request bit and interrupt enable bit are set to “1”.
• Interrupt disable flag (I) is set to “1” to disable interrupt.
(3)
Decimal calculations
➀ Execution of decimal calculations
The ADC and SBC are the only instructions which will yield proper decimal notation, set the
decimal mode flag (D) to “1” with the SED instruction. After executing the ADC or SBC instruction,
execute another instruction before executing the SEC, CLC, or CLD instruction.
➁ Notes on status flag in decimal mode
When decimal mode is selected, the values of three of the flags in the status register (the N, V,
and Z flags) are invalid after a ADC or SBC instruction is executed.
The carry flag (C) is set to “1” if a carry is generated as a result of the calculation, or is cleared
to “0” if a borrow is generated. To determine whether a calculation has generated a carry, the C
flag must be initialized to “0” before each calculation. To check for a borrow, the C flag must be
initialized to “1” before each calculation.
(S)
(S)+1
Stored PS
Set D flag to “1”
↓
ADC or SBC instruction
↓
NOP instruction
↓
SEC, CLC, or CLD instruction
Fig. 3.3.8 Status flag at decimal calculations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com