Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 328 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 328 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 324Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 325Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 326Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 327Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 328Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 329Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 330Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 331Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 332Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 387 page
background image
3-38
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.3 Notes on use
(2)
Switch between middle/high-speed mode and low-speed mode
If you switch the mode between middle/high-speed and low-speed, stabilize both XIN and XCIN oscillations.
The sufficient time is required for the sub clock to stabilize, especially immediately after power on
and at returning from stop mode. When switching the mode between middle/high-speed and low-
speed, set the frequency on condition that f(XIN) > 3f(XCIN).
3.3.11 Notes on D/A converter
(1)
Vcc when using D/A converter
The D/A converter accuracy when Vcc is 4.0 V or less differs from that of when Vcc is 4.0 V or more.
When using the D/A converter, we recommend using a Vcc of 4.0 V or more.
(2)
DAi conversion register when not using D/A converter
When a D/A converter is not used, set all values of the DAi conversion registers (i = 1, 2) to “0016”.
The initial value after reset is “0016”.
3.3.12 Notes on watchdog timer
qMake sure that the watchdog timer H does not underflow while waiting Stop release, because the
watchdog timer keeps counting during that term.
qWhen the STP instruction disable bit has been set to “1”, it is impossible to switch it to “0” by a program.
3.3.13 Notes on RESET pin
Connecting capacitor
In case where the RESET signal rise time is long, connect a ceramic capacitor or others across the
RESET pin and the VSS pin. Use a 1000 pF or more capacitor for high frequency use. When
connecting the capacitor, note the following :
• Make the length of the wiring which is connected to a capacitor as short as possible.
• Be sure to verify the operation of application products on the user side.
q Reason
____________
If the several nanosecond or several ten nanosecond impulse noise enters the RESET pin, it may
cause a microcomputer failure.
3.3.14 Notes on low-speed operation mode
(1)
Using sub-clock
To use a sub-clock, fix bit 3 of the CPU mode
register to “1” or control the Rd (refer to Figure
3.3.4) resistance value to a certain level to
stabilize an oscillation. For resistance value
of Rd, consult the oscillator manufacturer.
q Reason
When bit 3 of the CPU mode register is set
to “0”, the sub-clock oscillation may stop.
Rd
CCIN
CCOUT
XCIN
XCOUT
Rf
Fig. 3.3.4 Ceramic resonator circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com