Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 329 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 329 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 325Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 326Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 327Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 328Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 329Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 330Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 331Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 332Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 333Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 387 page
background image
3-39
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.3 Notes on use
3.3.15 Quartz-crystal oscillator
When using the quartz-crystal oscillator of high frequency, such as 16 MHz etc., it may be necessary to
select a specific oscillator with the specification demanded.
3.3.16 Notes on restarting oscillation
(1)
Restarting oscillation
Usually, when the MCU stops the clock oscillation by STP instruction and the STP instruction has
been released by an external interrupt source, the fixed values of Timer 1 and Prescaler 12 (Timer
1 = “0116”, Prescaler 12 = “FF16”) are automatically reloaded in order for the oscillation to stabilize.
The user can inhibit the automatic setting by writing “1” to bit 0 of MISRG (address 001016).
However, by setting this bit to “1”, the previous values, set just before the STP instruction was
executed, will remain in Timer 1 and Prescaler 12. Therefore, you will need to set an appropriate
value to each register, in accordance with the oscillation stabilizing time, before executing the STP
instruction.
q Reason
Oscillation will restart when an external interrupt is received. However, internal clock
φ is supplied
to the CPU only when Timer 1 starts to underflow. This ensures time for the clock oscillation using
the ceramic resonators to be stabilized.
3.3.17 Notes on using stop mode
sRegister setting
Since values of the prescaler 12 and Timer 1 are automatically reloaded when returning from the
stop mode, set them again, respectively. (When the oscillation stabilizing time set after STP
instruction released bit is “0”)
sClock restoration
After restoration from the stop mode to the normal mode by an interrupt request, the contents of
the CPU mode register previous to the STP instruction execution are retained. Accordingly, if both
main clock and sub clock were oscillating before execution of the STP instruction, the oscillation
of both clocks is resumed at restoration.
In the above case, when the main clock side is set as a system clock, the oscillation stabilizing
time until the timer 1 underflow is reserved at restoration from the stop mode.
When the oscillation stabilizing time set after STP instruction released bit is “0”, the time for 512
counts of the count source become the oscillation stabilizing time. When the oscillation stabilizing
time set after STP instruction released bit is “1”, an arbitrarily count value set to the prescaler 12
and the timer 1 become the oscillation stabilizing time.
At this time, note that the oscillation on the sub clock side may not be stabilized even after the
lapse of the oscillation stabilizing time of the main clock side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com