Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 326 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 326 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 322Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 323Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 324Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 325Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 326Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 327Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 328Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 329Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 330Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 387 page
background image
3-36
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.3 Notes on use
3.3.8 Notes on programming for SMBUS interface
(1)
Time out process
For a smart battery system, the time out process with a program is required so that the communication
can be completed even when communication is interrupted. It is because there is possibility of
extracting a battery from a PC.
The specifications are defined so that communication has been able to be completed within 25 ms
from START condition to STOP condition and within 10 ms from the ACK pulse to the ACK pulse of
each byte. Accordingly, the following two should be considered as count start conditions.
➀ SDA falling edge caused by SCL/SDA interrupt
This is the countermeasure for a communication interrupt in the middle of from START condition
to a slave address. However, the detection condition must be considered because a interrupt is
also generated by communication from other masters to other slaves.
➁ SMBUS interrupt after receiving slave address
This is the countermeasure for when communication is interrupted from receiving a slave address
until receiving a command.
(2)
Low hold of communication line
The I2C-BUS interface conforms to the I2C-BUS Standard Specifications. However, because the use
condition of SMBUS differs from the I2C-BUS’s, there is possibility of occurrence of the following
problem.
➀ Low hold of SDA line caused by ACK pulse at voltage drop of communication line
When the SMBUS voltage slowly drops, that is caused by extracting a battery from equipment or
turning off a PC’s power or etc., it might be incorrectly treated as the SCL pulse near the threshold
level voltage.
When the SDA is judged “L” in that condition, it becomes the general call and the ACK is transmitted.
However, when the SCL remains “L” at the ACK pulse, the SDA continuously remains “L” until
input of the next SCL pulse.
(6)
Switching of SCL/SDA interrupt pin polarity selection bit, SCL/SDA interrupt pin selection bit,
I2C-BUS interface enable bit
When changing the setting of the SCL/SDA interrupt pin polarity selection bit, the SCL/SDA interrupt
pin selection bit, or the I2C-BUS interface enable bit ES0, the SCL/SDA interrupt request bit may be
set. When selecting the SCL/SDA interrupt source, disable the interrupt before the SCL/SDA interrupt
pin polarity selection bit, the SCL/SDA interrupt pin selection bit, or the I2C-BUS interface enable bit
ES0 is set. Reset the request bit to “0” after setting these bits, and enable the interrupt.
(7)
Process of after STOP condition generating in master mode
Do not write data in the I2C data shift register (S0) and the I2C status register (S1) until the bus busy
flag BB becomes “0” after generating the STOP condition in the master mode. It is because the
STOP condition waveform might not be normally generated. Reading to the above registers does not
have the problem.
(8)
ES0 bit switch
In standard clock mode when SSC = “000102” or in high-speed clock mode, flag BB may switch to
“1” if ES0 bit is set to “1” when SDA is “L”.
Countermeasure:
Set ES0 to “1” when SDA is “H”.
• Trigger of RESTART condition generating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com