Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 323 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 323 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 319Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 320Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 321Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 322Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 323Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 324Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 325Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 326Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 327Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 387 page
background image
3-33
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.3 Notes on use
(2)
Notes when selecting clock asynchronous serial I/O
➀ Stop of transmission operation
Clear the transmit enable bit to “0” (transmit disabled). The transmission operation does not stop
by clearing the serial I/Oi enable bit (i = 1, 3) to “0”.
q Reason
This is the same as ➀ in (1).
➁ Stop of receive operation
Clear the receive enable bit to “0” (receive disabled).
➂ Stop of transmit/receive operation
Only transmission operation is stopped.
Clear the transmit enable bit to “0” (transmit disabled). The transmission operation does not stop
by clearing the serial I/Oi enable bit (i = 1, 3) to “0”.
q Reason
This is the same as ➀ in (1).
Only receive operation is stopped.
Clear the receive enable bit to “0” (receive disabled).
(3)
SRDYi (i = 1, 3) output of reception side
When signals are output from the SRDYi pin on the reception side by using an external clock in the
clock synchronous serial I/O mode, set all of the receive enable bit, the SRDYi output enable bit, and
the transmit enable bit to “1” (transmit enabled).
(4)
Setting serial I/Oi (i = 1, 3) control register again
Set the serial I/Oi control register again after the transmission and the reception circuits are reset
by clearing both the transmit enable bit and the receive enable bit to “0.”
Fig. 3.3.3 Sequence of setting serial I/Oi (i = 1, 3) control register again
(5)
Data transmission control with referring to transmit shift register completion flag
After the transmit data is written to the transmit buffer register, the transmit shift register completion flag
changes from “1” to “0” with a delay of 0.5 to 1.5 shift clocks. When data transmission is controlled with
referring to the flag after writing the data to the transmit buffer register, note the delay.
(6)
Transmission control when external clock is selected
When an external clock is used as the synchronous clock for data transmission, set the transmit
enable bit to “1” at “H” of the SCLKi (i = 1, 3) input level. Also, write the transmit data to the transmit
buffer register at “H” of the SCLKi input level.
Clear both the transmit enable
bit (TE) and the receive enable
bit (RE) to “0”
↓
Set the bits 0 to 3 and bit 6 of the
serial I/Oi control register
↓
Set both the transmit enable bit
(TE) and the receive enable bit
(RE), or one of them to “1”
Can be set with the
LDM instruction at
the same time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com