Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 358 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 358 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 354Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 355Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 356Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 357Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 358Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 359Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 360Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 361Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 362Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 387 page
background image
3-68
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.5 Control registers
Fig. 3.5.27 Structure of PWM control register
Fig. 3.5.28 Structure of PWM prescaler
PWM control register
b7 b6 b5 b4 b3 b2 b1 b0
PWM control register (PWMCON: address 002B16)
b
0
Name
0
Functions
At reset R W
0
0
0
0
PWM function
enable bit
0
0
✕
✕
0
✕
✕
✕
✕
Nothing is arranged for these bits. These are
write disabled bits. When these bits are read
out, the contents are “0”.
2
3
4
5
6
7
0 : PWM disabled
1 : PWM enabled
1
0
Count source
selection bit
0 : f(XIN)
1 : f(XIN)/2
PWM prescaler
b7 b6 b5 b4 b3 b2 b1 b0
PWM prescaler
(PREPWM: address 002C16)
b
0
Undefined
At reset R W
1
2
3
4
5
6
7
Functions
•Set the PWM period.
•The value set in this register is written to both
PWM prescaler pre-latch and PWM prescaler
latch at the same time.
• When data is written to this register during
PWM output, the pulse corresponding to
changed value is output at the next period.
• When this register is read out, the count value
of the PWM prescaler latch is read out.
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
PWM register
b7 b6 b5 b4 b3 b2 b1 b0
PWM register
(PWM: address 002D16)
b
0
Undefined
At reset R W
1
2
3
4
5
6
7
Functions
• Set the PWM “H” level output interval.
• The value set in this register is written to both
PWM register pre-latch and PWM register
latch at the same time.
• When data is written to this register during
PWM output, the pulse corresponding to
changed value is output at the next period.
• When this register is read out, the contents of
the PWM register latch is read out.
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Fig. 3.5.29 Structure of PWM register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com